Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS774 Datasheet (PDF) - Texas Instruments

ADS774 Datasheet PDF - Texas Instruments
Part # ADS774
Download  ADS774 Download
File Size   505.07 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER

ADS774 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS774 Datasheet PDF - Texas Instruments

Part # ADS774
Download  ADS774 Click to download

File Size   505.07 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER

ADS774 Datasheet (HTML) - Texas Instruments


ADS774 Product details

FEATURES
l REPLACES ADC574, ADC674 AND ADC774
FOR NEW DESIGNS
l COMPLETE SAMPLING A/D WITH
REFERENCE, CLOCK AND
MICROPROCESSOR INTERFACE
l FAST ACQUISITION AND CONVERSION:
8.5ms max OVER TEMPERATURE
l ELIMINATES EXTERNAL SAMPLE/HOLD
IN MOST APPLICATIONS
l GUARANTEED AC AND DC PERFORMANCE
l SINGLE +5V SUPPLY OPERATION
l LOW POWER: 120mW max
l PACKAGE OPTIONS: 0.6" and 0.3" DIPs,
SOIC

DESCRIPTION
The ADS774 is a 12-bit successive approximation
analog-to-digital converter using an innovative
capacitor array (CDAC) implemented in low-power
CMOS technology. This is a drop-in replacement for
ADC574, ADC674, and ADC774 models in most
applications, with internal sampling, much lower power
consumption, and the ability to operate from a single
+5V supply.
The ADS774 is complete with internal clock, microprocessor
interface, three-state outputs, and internal
scaling resistors for input ranges of 0V to +10V, 0V to
+20V, ±5V, or ±10V. The maximum throughput time
is 8.5ms over the full operating temperature range,
including both acquisition and conversion.
Complete user control over the internal sampling function
facilitates elimination of external sample/hold
amplifiers in most existing designs.
The ADS774 requires +5V, with –15V optional. No
+15V supply is required. Available packages include
0.3" or 0.6" wide 28-pin plastic DIP and 28-pin SOICs.




Similar Part No. - ADS774

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS774 BURR-BROWN-ADS774 Datasheet
413Kb / 13P
Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774H TI1-ADS774H Datasheet
1Mb / 27P
Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774H TI2-ADS774H Datasheet
752Kb / 28P
Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
AUGUST 2009
More results


Similar Description - ADS774

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 BURR-BROWN-ADS774 Datasheet
413Kb / 13P
Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com