Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7811 Datasheet (PDF) - Texas Instruments

ADS7811 Datasheet PDF - Texas Instruments
Part # ADS7811
Download  ADS7811 Download
File Size   370.33 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER

ADS7811 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7811 Datasheet PDF - Texas Instruments

Part # ADS7811
Download  ADS7811 Click to download

File Size   370.33 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER

ADS7811 Datasheet (HTML) - Texas Instruments


ADS7811 Product details

FEATURES
250kHz SAMPLING RATE
COMPLETE WITH S/H, REF, CLOCK, ETC.
96dB min SFDR WITH 100kHz INPUT
84dB min SINAD
±2.5V INPUT RANGE
28-LEAD SOIC

APPLICATIONS
WIRELESS BASE STATIONS
SPECTRUM ANALYSIS
IMAGING SYSTEMS
DATA ACQUISITION

DESCRIPTION
The ADS7811 is a complete 16-bit sampling analog-todigital
(A/D) converter featuring excellent AC
performance and a 250kHz throughput rate. The design
includes a 16-bit capacitor-based SAR A/D
converter with an inherent sample and hold (S/H), a precision
reference, and an internal clock. Spurious-free dynamic
range with a 100kHz full-scale sinewave input is typically
greater than 100dB. The ±2.5V input range allows development
of precision systems using only ±5V supplies. The
converter is available in a 28-lead SOIC package specified
for operation over the industrial –25°C to +85°C temperature
range.




Similar Part No. - ADS7811

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7811 TI1-ADS7811 Datasheet
303Kb / 15P
16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7811U BURR-BROWN-ADS7811U Datasheet
186Kb / 9P
16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7811U TI1-ADS7811U Datasheet
303Kb / 15P
16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7811UG4 TI1-ADS7811UG4 Datasheet
303Kb / 15P
16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Similar Description - ADS7811

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807_08 Datasheet
672Kb / 25P
Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS7811 TI1-ADS7811_15 Datasheet
303Kb / 15P
16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com