Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE4300 Datasheet (PDF) - Texas Instruments

AFE4300 Datasheet PDF - Texas Instruments
Part # AFE4300
Download  AFE4300 Download
File Size   383.76 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE4300 Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement

AFE4300 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE4300 Datasheet PDF - Texas Instruments

Part # AFE4300
Download  AFE4300 Click to download

File Size   383.76 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE4300 Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement

AFE4300 Datasheet (HTML) - Texas Instruments


AFE4300 Product details

1 Features
1• Weight-scale front-end:
– Supports up to four load cell inputs
– On-chip load cell 1.7-V excitation voltage for
ratiometric measurement
– 68-nVrms Input-Referred noise
(0.1 Hz to 2 Hz)
– Best-fit linearity: 0.01% of full-scale
– Weight-scale measurement : 540 μA
• Body composition front-end:
– Supports up to three tetra-polar complex
impedance measurements
– 6-Bit, 1-MSPS sine-wave generation digital-toanalog
converter (DAC)
– 247.5-μArms, ±20% Excitation source
– 0.1-Ω Measurement RMS noise in 2-Hz BW
– Body composition measurement : 970 μA
• Analog-to-digital converter (ADC):
– 16 Bits, 860 SPS
– Supply current: 110 μA

2 Applications
Weight scales with body composition
measurements

3 Description
The AFE4300 is a low-cost analog front-end
incorporating two separate signal chains: one chain
for weight-scale (WS) measurement and the other for
body composition measurement (BCM) analysis. A
16-bit, 860-SPS analog-to-digital converter (ADC) is
multiplexed between both chains. The weight
measurement chain includes an instrumentation
amplifier (INA) with the gain set by an external
resistor, followed by a 6-bit digital-to-analog converter
(DAC) for offset correction, and a circuit to drive the
external bridge/load cell with a fixed 1.7 V for
ratiometric measurements.
The AFE4300 can also measure body composition by
applying a sinusoidal current into the body. The
sinusoidal current is generated with an internal
pattern generator and a 6-bit, 1-MSPS DAC. A
voltage-to-current converter applies this sinusoidal
current into the body, between two terminals. The
voltage created across these two terminals as a
result of the impedance of the body is measured back
with a differential amplifier, rectified, and the
amplitude is extracted and measured by the 16-bit
ADC.
The AFE4300 operates from 2 V to 3.6 V, is specified
from 0°C to +70°C, and is available in a LQFP-80
package.




Similar Part No. - AFE4300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4300 TI1-AFE4300 Datasheet
334Kb / 30P
Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4300PN TI1-AFE4300PN Datasheet
309Kb / 30P
Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4300PN TI1-AFE4300PN Datasheet
334Kb / 30P
Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4300PNR TI1-AFE4300PNR Datasheet
309Kb / 30P
Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4300PNR TI1-AFE4300PNR Datasheet
334Kb / 30P
Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
More results


Similar Description - AFE4300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74322 AD-AD74322 Datasheet
123Kb / 20P
Low Cost, Low Power Stereo Audio Analog Front End
logo
Texas Instruments
ADS130E08 TI1-ADS130E08 Datasheet
1Mb / 50P
Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
AFE4300 TI1-AFE4300 Datasheet
334Kb / 30P
Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4300PNR TI1-AFE4300PNR Datasheet
309Kb / 30P
Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
Integrated Analog Front-End for Pulse Oximeters
ADS130E08 TI1-ADS130E08_14 Datasheet
1Mb / 52P
Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
AFE4403 TI-AFE4403_15 Datasheet
1Mb / 97P
AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
logo
Analog Devices
AD8451 AD-AD8451 Datasheet
911Kb / 32P
Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
REV. 0
logo
Texas Instruments
AFE4400 TI1-AFE4400_15 Datasheet
2Mb / 87P
AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com