Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE5812 Datasheet (PDF) - Texas Instruments

AFE5812 Datasheet PDF - Texas Instruments
Part # AFE5812
Download  AFE5812 Download
File Size   465.01 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75nV/Hz, 14/12-Bit, 65 MSPS, 180mW/CH

AFE5812 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE5812 Datasheet PDF - Texas Instruments

Part # AFE5812
Download  AFE5812 Click to download

File Size   465.01 Kbytes
Page   6 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75nV/Hz, 14/12-Bit, 65 MSPS, 180mW/CH

AFE5812 Datasheet (HTML) - Texas Instruments


AFE5812 Product details

1 Features
• 8-Channel Complete Analog Front-End
– LNA, VCAT, PGA, LPF, ADC, and CW Mixer
• Programmable Gain Low-Noise Amplifier (LNA)
– 24, 18, 15 dB Gain
– 0.25, 0.5, 0.7 VPP Linear Input Range
– 0.63, 0.7, 0.9 nV/rtHz Input Referred Noise
– Programmable Active Termination
• 40 dB Low Noise Voltage Controlled Attenuator
(VCAT)
• 24/30 dB Programmable Gain Amplifier (PGA)
• 3rd Order Linear Phase Low-Pass Filter (LPF)
– 10, 15, 20, 30, 35, 50 MHz
• 14-bit Analog to Digital Converter w/ LVDS output
– 77 dBFS SNR at 65 MSPS
• Noise/Power Optimizations (Without Digital
Demodulator)
– 180 mW/CH at 0.75 nV/rtHz, 65 MSPS
– 109 mW/CH at 1.1 nV/rtHz, 40 MSPS
– 107 mW/CH at CW Mode
• Excellent Device-to-Device Gain Matching
– ±0.5 dB(typical) and ±1.1 dB(max)
• Programmable Digital I/Q Demodulator after ADC
– Wide Range Demodulation Frequency
– <1KHz Frequency Resolution
– Decimation Filter Factor M = 1 to 32
– 16xM tap FIR Decimation Filter
– LVDS Rate Reduction after Demodulation
– On-chip RAM with 32 preset Profiles
• Low Harmonic Distortion
• Low Frequency Sonar Signal Processing
• Fast and Consistent Overload Recovery
• Passive Mixer for Continuous Wave
Doppler(CWD)
– Low Close-in Phase Noise –156 dBc/Hz at 1
KHz off 2.5 MHz Carrier
– Phase Resolution of 1/16λ
– Support 16X, 8X, 4X and 1X CW Clocks
– 12dB Suppression on 3rd and 5th Harmonics
• Small Package: 15 mm x 9 mm, 135-BGA
• Operation Temperature: -40°C to 85°C

2 Applications
• Medical Ultrasound Imaging
• Nondestructive Evaluation Equipments
• Sonar applications
• Multichannel, High-Speed Data Acquisition

3 Description
The AFE5812 is a highly-integrated analog front-end
(AFE) solution specifically designed for ultrasound
systems in which high performance and small size are
required. The AFE5812 integrates a complete timegain-
control (TGC) imaging path and a CWD path.
It also enables users to select one of various power/
noise combinations to optimize system performance.
Therefore, the AFE5812 is a suitable ultrasound AFE
solution not only for high-end systems, but also for
portable ones.
The AFE5812 contains eight channels of voltage
controlled amplifier (VCA), 14-bit and 12-bit ADC, and
CW mixer. The VCA includes LNA, VCAT, PGA, and
LPF. The LNA gain is programmable to support 250
mVPP to 0.75 VPP input signals. Programmable active
termination is also supported by the LNA. The ultralow
noise VCAT provides an attenuation control range
of 40 dB and improves overall low-gain SNR, which
benefits harmonic imaging and near-field imaging.
The PGA provides gain options of 24 and 30 dB.
Before the ADC, a LPF can be configured as 10,
15, 20, 30, 35 or 50 MHz to support ultrasound
applications with different frequencies. In addition,
the signal chain of the AFE5812 can handle signal
frequency lower than 100 kHz, which enables the
AFE5812 to be used in both sonar and medical
applications. The high-performance 14-bit/65-MSPS
ADC in the AFE5812 achieves 77 dBFS SNR. It
ensures excellent SNR at low chain gain. The ADC’s
LVDS outputs enable flexible system integration
desired for miniaturized systems.
The AFE5812 integrates a low-power passive mixer
and a low-noise summing amplifier to accomplish
on-chip CWD beamformer. 16 selectable phasedelays
can be applied to each analog input signal.
Meanwhile, a unique third- and fifth-order harmonic
suppression filter is implemented to enhance CW
sensitivity.




Similar Part No. - AFE5812

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5812 TI-AFE5812 Datasheet
2Mb / 109P
AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
AFE5812 TI2-AFE5812 Datasheet
458Kb / 6P
AFE5816 16-Channel Ultrasound AFE With 90mW/Channel Power, 1nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC and Passive CW Mixer
MARCH 2024
AFE5812 TI2-AFE5812 Datasheet
462Kb / 6P
AFE5818 16-Channel, Ultrasound, Analog Front-End with 140mW/Channel Power, 0.75nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC, and Passive CW Mixer
MARCH 2024
AFE5812 TI2-AFE5812 Datasheet
2Mb / 82P
ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
REVISED APRIL 2018
AFE5812ZCF TI-AFE5812ZCF Datasheet
2Mb / 109P
AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
More results


Similar Description - AFE5812

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5807 TI1-AFE5807 Datasheet
1Mb / 71P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5808 TI1-AFE5808 Datasheet
1Mb / 68P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75nV/rtHz, 14/12-Bit, 65MSPS, 153mW/CH
AFE5808A TI1-AFE5808A Datasheet
1Mb / 66P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
AFE5809 TI1-AFE5809_14 Datasheet
1Mb / 100P
Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, andD igital I/Q Demodulator
AFE5808 TI1-AFE5808_14 Datasheet
1Mb / 76P
Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
AFE5807 TI1-AFE5807_14 Datasheet
1Mb / 75P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5803 TI1-AFE5803_14 Datasheet
791Kb / 53P
Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5812 TI-AFE5812_15 Datasheet
2Mb / 109P
AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
AFE5808A TI1-AFE5808A_17 Datasheet
1Mb / 83P
65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com