Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX74821 Datasheet (PDF) - Analog Devices

MAX74821 Datasheet PDF - Analog Devices
Part # MAX74821
Download  MAX74821 Download
File Size   1180.94 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifier

MAX74821 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX74821 Datasheet PDF - Analog Devices

Part # MAX74821
Download  MAX74821 Click to download

File Size   1180.94 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifier

MAX74821 Datasheet (HTML) - Analog Devices


MAX74821 Product details

FEATURES
Low offset voltage: 300μV maximum
Low input bias currents: 5pA maximum
Low noise: 9nV/√Hz
Wide bandwidth: 10MHz
High slew rate: 5V/μs
High open-loop gain: 120dB
Unity gain stable
Single-supply operation: 5.5V
Low supply current: 1.15mA/amplifier

APPLICATIONS
Photodiode amplification
Optical control loops
Battery-powered instrumentation
Loop-powered instrumentation
Multipole filters
Sensors
Barcode scanners
Audio




Similar Part No. - MAX74821

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7482 MAXIM-MAX7482 Datasheet
860Kb / 13P
Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
logo
Analog Devices
MAX74822 AD-MAX74822 Datasheet
471Kb / 16P
5V, CMOS, Rail-to-Rail, General-Purpose Amplifiers
Rev. 0; 10/25
MAX74822ARMZ AD-MAX74822ARMZ Datasheet
471Kb / 16P
5V, CMOS, Rail-to-Rail, General-Purpose Amplifiers
Rev. 0; 10/25
MAX74822ARMZ-R7 AD-MAX74822ARMZ-R7 Datasheet
471Kb / 16P
5V, CMOS, Rail-to-Rail, General-Purpose Amplifiers
Rev. 0; 10/25
MAX74822ARMZ-RL AD-MAX74822ARMZ-RL Datasheet
471Kb / 16P
5V, CMOS, Rail-to-Rail, General-Purpose Amplifiers
Rev. 0; 10/25
More results


Similar Description - MAX74821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8603 AD-AD8603 Datasheet
448Kb / 16P
Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
logo
New Japan Radio
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7076B NJRC-NJU7076B Datasheet
902Kb / 11P
Precision, Low Noise, Rail-to-Rail Output, Single CMOS Operational Amplifier
NJU7077 NJRC-NJU7077 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
logo
Rohm
LMR376YG-C ROHM-LMR376YG-C Datasheet
1Mb / 20P
Automotive Low Offset Low Noise & Rail-to-Rail Input/Output CMOS Operational Amplifier
10.Feb.2023 Rev.001
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com