Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPL7425SR Datasheet (PDF) - Qorvo, Inc

QPL7425SR Datasheet PDF - Qorvo, Inc
Part # QPL7425SR
Download  QPL7425SR Download
File Size   2601.91 Kbytes
Page   33 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75 Ω 25 dB CATV Amplifier 5 – 1218 MHz

QPL7425SR Datasheet (PDF)

Go To PDF Page Download Datasheet
QPL7425SR Datasheet PDF - Qorvo, Inc

Part # QPL7425SR
Download  QPL7425SR Click to download

File Size   2601.91 Kbytes
Page   33 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75 Ω 25 dB CATV Amplifier 5 – 1218 MHz

QPL7425SR Datasheet (HTML) - Qorvo, Inc


QPL7425SR Product details

Key Features
• 5 MHz to 1218 MHz Operation
• 5 V, and 8 V Operation
• Gain; 25 dB Typical
• Noise Figure; 1 dB Typical
• Adjustable Bias Using External Resistors
• Convenient QFN Package
• RoHS Compliant
Applications
• DOCSIS 3.1
• Upstream DOCSIS 3.1 and 4.0
• Downstream Applications, 47 to 1218 MHz
• Upstream Applications, 5 to 684 MHz
• Head End CMTS Equipment
• Optical Node and Amplifier
• FTTH GPON and GEPON
• Satellite Low Noise Amplifier
• Cable Modem and Set Top Box
• Single Ended Gain Block




Similar Part No. - QPL7425SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPL7420 QORVO-QPL7420 Datasheet
2Mb / 33P
75 Ω 20 dB CATV Amplifier 5 – 1800 MHz
Rev E, October 24, 2023
QPL7420EVB-01 QORVO-QPL7420EVB-01 Datasheet
2Mb / 33P
75 Ω 20 dB CATV Amplifier 5 – 1800 MHz
Rev E, October 24, 2023
QPL7420EVB-02 QORVO-QPL7420EVB-02 Datasheet
2Mb / 33P
75 Ω 20 dB CATV Amplifier 5 – 1800 MHz
Rev E, October 24, 2023
QPL7420SB QORVO-QPL7420SB Datasheet
2Mb / 33P
75 Ω 20 dB CATV Amplifier 5 – 1800 MHz
Rev E, October 24, 2023
QPL7420SR QORVO-QPL7420SR Datasheet
2Mb / 33P
75 Ω 20 dB CATV Amplifier 5 – 1800 MHz
Rev E, October 24, 2023
More results


Similar Description - QPL7425SR

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA2461 SKYWORKS-ACA2461 Datasheet
540Kb / 10P
1218 MHz CATV CATV Push-Pull Driver Amplifier
logo
Qorvo, Inc
QPB7420 QORVO-QPB7420 Datasheet
1Mb / 18P
75 20 dB CATV Amplifier 47 ??1218 MHz
QPB7425 QORVO-QPB7425 Datasheet
1Mb / 24P
75 25 dB CATV Amplifier (47 ??1218 MHz)
logo
Skyworks Solutions Inc.
ACA2417 SKYWORKS-ACA2417 Datasheet
468Kb / 10P
1218 MHz CATV Push-Pull Driver Amplifier
ACA2460 SKYWORKS-ACA2460 Datasheet
499Kb / 10P
1218 MHz CATV Push-Pull Driver Amplifier
ACA4789 SKYWORKS-ACA4789 Datasheet
377Kb / 5P
1218 MHz 25 dB Gain CATV Power-Doubler Amplifier
logo
Qorvo, Inc
QPL1810 QORVO-QPL1810 Datasheet
1Mb / 12P
75 20 dB CATV Amplifier 50 ??1800 MHz
QPB7420 QORVO-QPB7420_V01 Datasheet
1Mb / 22P
75 廓 20 dB CATV Amplifier 47 ??1218 MHz
Aug 30, 2021
QPB7425 QORVO-QPB7425_V01 Datasheet
2Mb / 30P
75 廓 25 dB CATV Amplifier (47 ??1218 MHz)
August 25, 2021
QPA8840 QORVO-QPA8840 Datasheet
1Mb / 14P
75 Ω 22dB CATV Amplifier (50 – 1800 MHz)
April 5, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com