Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2024 Datasheet (PDF) - Texas Instruments

BQ2024 Datasheet PDF - Texas Instruments
Part # BQ2024
Download  BQ2024 Download
File Size   460.81 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE

BQ2024 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ2024 Datasheet PDF - Texas Instruments

Part # BQ2024
Download  BQ2024 Click to download

File Size   460.81 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE

BQ2024 Datasheet (HTML) - Texas Instruments


BQ2024 Product details

1FEATURES
2• 1536 Bits of One-Time Programmable (OTP)
EPROM For Storage Of User-Programmable
Configuration Data
• Factory-Programmed Unique 64-Bit
Identification Number
• Bus-Interface Architecture Allowing Multiple
bq2024's Attached to a Single Host
• Single-Wire Interface to Reduce Circuit Board
Routing
• Synchronous Communication Reduces Host
Interrupt Overhead
• No Standby Power Required
• Address Space Backward Compatible With
bq2022A
• 8-byte RAM Buffer for Faster Write
• Page Address Redirection
• 15KV IEC 61000-4-2 Air Charge on SDQ
• Available in a 3-Pin SOT23 Package and TO-92
Package

APPLICATIONS
• Security Encoding
• Inventory Tracking
• Product-Revision Maintenance
• Battery-Pack Identification

DESCRIPTION
The bq2024 is a 1.5K-bit serial EPROM containing a
factory-programmed, unique 48-bit identification
number, 8-bit CRC generation, and the 8-bit family
code (09h). A 64-bit status register controls write
protection and page redirection.
The bq2024 SDQ™ interface requires only a single
connection and a ground return. The DATA pin is
also the sole power source for the bq2024. The bus
architecture allows multiple SDQ devices to be
connected to a single host.
The small surface-mount package options saves
printed-circuit-board space, while the low cost makes
it ideal for applications such as battery pack
configuration parameters, record maintenance, asset
tracking, product-revision status, and access-code
security.




Similar Part No. - BQ2024

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2024 TI-BQ2024 Datasheet
317Kb / 19P
1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2024 TI1-BQ2024 Datasheet
471Kb / 22P
1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2024DBZR TI-BQ2024DBZR Datasheet
317Kb / 19P
1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2024DBZR TI1-BQ2024DBZR Datasheet
471Kb / 22P
1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2024DBZRG4 TI1-BQ2024DBZRG4 Datasheet
471Kb / 22P
1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
More results


Similar Description - BQ2024

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX132 MAXIM-MAX132 Datasheet
129Kb / 16P
짹18-Bit ADC with Serial Interface
19-0009; Rev 2; 8/95
logo
Texas Instruments
BQ2022 TI-BQ2022 Datasheet
184Kb / 19P
1K-BIT SERLAL EPROM WITH SDQ INTERFACE
logo
Catalyst Semiconductor
CAT35C108 CATALYST-CAT35C108 Datasheet
248Kb / 7P
8K-Bit SERIAL EPROM
logo
Texas Instruments
BQ2022A TI-BQ2022A Datasheet
297Kb / 20P
1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2024 TI-BQ2024 Datasheet
317Kb / 19P
1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2026 TI1-BQ2026 Datasheet
654Kb / 22P
1.5K-Bit Serial EPROM With SDQ Interface
BQ2022A TI1-BQ2022A Datasheet
992Kb / 33P
1K-Bit Serial EPROM with SDQ Interface
BQ2022 TI1-BQ2022_13 Datasheet
308Kb / 20P
1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2024 TI1-BQ2024_13 Datasheet
471Kb / 22P
1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A_17 Datasheet
1Mb / 37P
1K-Bit Serial EPROM with SDQ Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com