Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ3060PW.A Datasheet (PDF) - Texas Instruments

BQ3060PW.A Datasheet PDF - Texas Instruments
Part # BQ3060PW.A
Download  BQ3060PW.A Download
File Size   460.9 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq3060 SBS 1.1-Compliant Gas Gauge and Protection With CEDV

BQ3060PW.A Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ3060PW.A Datasheet PDF - Texas Instruments

Part # BQ3060PW.A
Download  BQ3060PW.A Click to download

File Size   460.9 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq3060 SBS 1.1-Compliant Gas Gauge and Protection With CEDV

BQ3060PW.A Datasheet (HTML) - Texas Instruments


BQ3060PW.A Product details

1 Features
1• Advanced CEDV (Compensated End-of-Discharge
Voltage) Gauging
• Fully Integrated 2, 3, and 4 Series Li-Ion or Li-
Polymer Cell Battery Pack Manager
• 8-Bit RISC CPU With Ultra-Low Power Modes
• Full Array of Programmable Protection Features
– Voltage, Current, and Temperature
• SHA-1 Authentication
• Flexible Memory Architecture With Integrated
Flash Memory
• Supports Two-Wire SMBus v1.1 Interface With
High-speed 400kHz Programming Option
• P-CH High Side Protection FET Drive
• Low Power Consumption Sleep Mode: < 69 μA
• High-Accuracy Analog Front End With Two
Independent ADCs
– High-Resolution, 15~22-bit Integrator for
Coulomb Counting
– 16-Bit Delta-Sigma ADC With a 16-Channel
Multiplexer for Voltage, Current, and
Temperature
• Ultra Compact Package: 24-Pin TSSOP PW

2 Applications
• Netbook and Notebook PCs
• Medical and Test Equipment
• Portable Instruments

3 Description
The Texas Instruments bq3060 Battery Manager is a
fully integrated, single-chip, pack-based solution that
provides a rich array of features for gas gauging,
protection, and authentication for 2, 3, or 4 series cell
Li-Ion battery packs. With a footprint of merely 7.8
mm × 6.4 mm in a compact 24-pin TSSOP package,
the bq3060 maximizes functionality and safety while
dramatically cutting the solution cost and size for
smart batteries.
Using its integrated high-performance analog
peripherals, the bq3060 measures and maintains an
accurate record of available capacity, voltage,
current, temperature, and other critical parameters in
Li-Ion or Li-Polymer batteries, and reports the
information to the system host controller over an
SMBus 1.1-compatible interface.
The bq3060 provides software-first level and second
level safety protection on overvoltage, undervoltage,
overtemperature, and overcharge, as well as
hardware-overcurrent in discharge, short circuit in
charge, and discharge protection.




Similar Part No. - BQ3060PW.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq3060PW TI-bq3060PW Datasheet
218Kb / 17P
SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION with CEDV
BQ3060PWR TI-BQ3060PWR Datasheet
218Kb / 17P
SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION with CEDV
More results


Similar Description - BQ3060PW.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ3060 TI-BQ3060 Datasheet
218Kb / 17P
SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION with CEDV
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655DBTR-R1 TI-BQ20Z655DBTR-R1 Datasheet
863Kb / 25P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION
BQ20Z75 TI1-BQ20Z75_14 Datasheet
721Kb / 23P
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC
BQ20Z95 TI1-BQ20Z95_14 Datasheet
603Kb / 21P
SBS 1.1-COMPLIANT GAS GAUGE
BQ34Z651 TI1-BQ34Z651_15 Datasheet
888Kb / 29P
SBS 1.1-Compliant Gas Gauge
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com