Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC163 Datasheet (PDF) - Texas Instruments

CD74AC163 Datasheet PDF - Texas Instruments
Part # CD74AC163
Download  CD74AC163 Download
File Size   473.8 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT SYNCHRONOUS BINARY COUNTERS

CD74AC163 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74AC163 Datasheet PDF - Texas Instruments

Part # CD74AC163
Download  CD74AC163 Click to download

File Size   473.8 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT SYNCHRONOUS BINARY COUNTERS

CD74AC163 Datasheet (HTML) - Texas Instruments


CD74AC163 Product details

Internal Look-Ahead for Fast Counting
Carry Output for n-Bit Cascading
Synchronous Counting
Synchronously Programmable

description/ordering information
The ’AC163 devices are 4-bit binary counters.
These synchronous, presettable counters feature
an internal carry look-ahead for application in
high-speed counting designs. Synchronous
operation is provided by having all flip-flops
clocked simultaneously so that the outputs
change, coincident with each other, when instructed by the count-enable (ENP, ENT) inputs and internal gating.
This mode of operation eliminates the output counting spikes normally associated with synchronous
(ripple-clock) counters. A buffered clock (CLK) input triggers the four flip-flops on the rising (positive-going) edge
of the clock waveform.
The counters are fully programmable; that is, they can be preset to any number between 0 and 9 or 15.
Presetting is synchronous; therefore, setting up a low level at the load input disables the counter and causes
the outputs to agree with the setup data after the next clock pulse, regardless of the levels of the enable inputs.
The clear function is synchronous. A low level at the clear (CLR) input sets all four of the flip-flop outputs low
after the next low-to-high transition of CLK, regardless of the levels of the enable inputs. This synchronous clear
allows the count length to be modified easily by decoding the Q outputs for the maximum count desired. The
active-low output of the gate used for decoding is connected to CLR to synchronously clear the counter to 0000
(LLLL).
The carry look-ahead circuitry provides for cascading counters for n-bit synchronous applications without
additional gating. ENP, ENT, and a ripple-carry output (RCO) are instrumental in accomplishing this function.
Both ENP and ENT must be high to count, and ENT is fed forward to enable RCO. Enabling RCO produces a
high-level pulse while the count is maximum (9 or 15, with QA high). This high-level overflow ripple-carry pulse
can be used to enable successive cascaded stages. Transitions at ENP or ENT are allowed, regardless of the
level of CLK.
These devices feature a fully independent clock circuit. Changes at control inputs (ENP, ENT, or LOAD) that
modify the operating mode have no effect on the contents of the counter until clocking occurs. The function of
the counter (whether enabled, disabled, loading, or counting) is dictated solely by the conditions meeting the
stable setup and hold times.




Similar Part No. - CD74AC163

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC163 TI-CD74AC163 Datasheet
154Kb / 11P
4-BIT SYNCHRONOUS BINARY COUNTERS
CD74AC163E TI-CD74AC163E Datasheet
154Kb / 11P
4-BIT SYNCHRONOUS BINARY COUNTERS
CD74AC163E TI1-CD74AC163E Datasheet
575Kb / 19P
4-BIT SYNCHRONOUS BINARY COUNTERS
CD74AC163EE4 TI1-CD74AC163EE4 Datasheet
575Kb / 19P
4-BIT SYNCHRONOUS BINARY COUNTERS
CD74AC163M TI-CD74AC163M Datasheet
154Kb / 11P
4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Similar Description - CD74AC163

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
Synchronous 4-Bit Binary Counters
logo
Texas Instruments
SN54LV161A TI-SN54LV161A Datasheet
440Kb / 20P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
4-BIT SYNCHRONOUS BINARY COUNTERS
CD54ACT163 TI-CD54ACT163_08 Datasheet
677Kb / 18P
4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
4-BIT SYNCHRONOUS BINARY COUNTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com