Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC257M Datasheet (PDF) - Texas Instruments

CD74HC257M Datasheet PDF - Texas Instruments
Part # CD74HC257M
Download  CD74HC257M Download
File Size   362.44 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs

CD74HC257M Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC257M Datasheet PDF - Texas Instruments

Part # CD74HC257M
Download  CD74HC257M Click to download

File Size   362.44 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs

CD74HC257M Datasheet (HTML) - Texas Instruments


CD74HC257M Product details

Features
• Buffered Inputs
• Typical Propagation Delay ( In to Output ) = 12ns at
VCC = 5V, CL = 15pF, TA = 25oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1μA at VOL, VOH

Description
The ’HC257 and ’HCT257 are quad 2-input multiplexers
which select four bits of data from two sources under the
control of a common Select Input (S). The Output Enable
input (OE) is active LOW. When OE is HIGH, all of the outputs
(1Y-4Y) are in the high impedance state regardless of
all other input conditions.
Moving data from two groups of registers to four common
output buses is a common use of the 257. The state of the
Select input determines the particular register from which
the data comes. It can also be used as a function generator.




Similar Part No. - CD74HC257M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC257M TI-CD74HC257M Datasheet
52Kb / 7P
High Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
CD74HC257M TI-CD74HC257M Datasheet
276Kb / 12P
High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
CD74HC257M TI1-CD74HC257M Datasheet
462Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
CD74HC257M96 TI-CD74HC257M96 Datasheet
276Kb / 12P
High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
CD74HC257M96 TI1-CD74HC257M96 Datasheet
462Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
More results


Similar Description - CD74HC257M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
39Kb / 8P
Quad 2-Input Multiplexer with Three-State Outputs
CD74HC257 TI-CD74HC257 Datasheet
52Kb / 7P
High Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
logo
Intersil Corporation
CD54AC257 INTERSIL-CD54AC257 Datasheet
10Kb / 1P
Quad 2-Input Multiplexer Three-State, Non-Inverting
June 1997
logo
Texas Instruments
CD54HCT257 TI-CD54HCT257 Datasheet
276Kb / 12P
High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
CD54HCT251 TI-CD54HCT251 Datasheet
271Kb / 11P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD74AC257 TI-CD74AC257 Datasheet
287Kb / 8P
Quad 2-Input Multiplexer with Three-State Outputs
CD54AC257 TI-CD54AC257_07 Datasheet
455Kb / 17P
Quad 2-Input Multiplexer with Three-State Outputs
CD54AC257 TI-CD54AC257_08 Datasheet
485Kb / 17P
Quad 2-Input Multiplexer with Three-State Outputs
CD54HC257 TI1-CD54HC257_14 Datasheet
462Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
CD54HC251 TI1-CD54HC251_14 Datasheet
463Kb / 16P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com