Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC163M Datasheet (PDF) - Texas Instruments

CD74HC163M Datasheet PDF - Texas Instruments
Part # CD74HC163M
Download  CD74HC163M Download
File Size   383.44 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Presettable Counters

CD74HC163M Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC163M Datasheet PDF - Texas Instruments

Part # CD74HC163M
Download  CD74HC163M Click to download

File Size   383.44 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Presettable Counters

CD74HC163M Datasheet (HTML) - Texas Instruments


CD74HC163M Product details

Features
• ’HC161, ’HCT161 4-Bit Binary Counter,
Asynchronous Reset
• ’HC163, ’HCT163 4-Bit Binary Counter,
Synchronous Reset
• Synchronous Counting and Loading
• Two Count Enable Inputs for n-Bit Cascading
• Look-Ahead Carry for High-Speed Counting
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1μA at VOL, VOH

Description
The ’HC161, ’HCT161, ’HC163, and ’HCT163 are
presettable synchronous counters that feature look-ahead
carry logic for use in high-speed counting applications. The
’HC161 and ’HCT161 are asynchronous reset decade and
binary counters, respectively; the ’HC163 and ’HCT163
devices are decade and binary counters, respectively, that
are reset synchronously with the clock. Counting and
parallel presetting are both accomplished synchronously
with the negative-to-positive transition of the clock.
A low level on the synchronous parallel enable input, SPE,
disables counting operation and allows data at the P0 to P3
inputs to be loaded into the counter (provided that the
setup and hold requirements for SPE are met).
All counters are reset with a low level on the Master Reset
input, MR. In the ’HC163 and ’HCT163 counters
(synchronous reset types), the requirements for setup and
hold time with respect to the clock must be met.
Two count enables, PE and TE, in each counter are
provided for n-bit cascading. In all counters reset action
occurs regardless of the level of the SPE, PE and TE inputs
(and the clock input, CP, in the ’HC161 and ’HCT161
types).
If a decade counter is preset to an illegal state or assumes
an illegal state when power is applied, it will return to the
normal sequence in one count as shown in state diagram.
The look-ahead carry feature simplifies serial cascading of
the counters. Both count enable inputs (PE and TE) must
be high to count. The TE input is gated with the Q outputs
of all four stages so that at the maximum count the terminal
count (TC) output goes high for one clock period. This TC
pulse is used to enable the next cascaded stage.




Similar Part No. - CD74HC163M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC163M TI-CD74HC163M Datasheet
65Kb / 10P
High Speed CMOS Logic Presettable Counters
CD74HC163M TI-CD74HC163M Datasheet
285Kb / 16P
High-Speed CMOS Logic Presettable Counters
CD74HC163M TI-CD74HC163M Datasheet
434Kb / 19P
High-Speed CMOS Logic Presettable Counters
CD74HC163M96 TI-CD74HC163M96 Datasheet
285Kb / 16P
High-Speed CMOS Logic Presettable Counters
CD74HC163M96 TI-CD74HC163M96 Datasheet
434Kb / 19P
High-Speed CMOS Logic Presettable Counters
More results


Similar Description - CD74HC163M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC161 TI-CD74HC161 Datasheet
65Kb / 10P
High Speed CMOS Logic Presettable Counters
CD74HC192 TI-CD74HC192 Datasheet
67Kb / 11P
High Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD54HC192 TI-CD54HC192 Datasheet
355Kb / 16P
High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD54HCT161 TI-CD54HCT161 Datasheet
285Kb / 16P
High-Speed CMOS Logic Presettable Counters
logo
KODENSHI_AUK CORP.
KK74AC163 KODENSHI-KK74AC163 Datasheet
419Kb / 9P
Presettable Counters High-Speed Silicon-Gate CMOS
KK74ACT163 KODENSHI-KK74ACT163 Datasheet
344Kb / 8P
Presettable Counters High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD54HC192 TI-CD54HC192_07 Datasheet
512Kb / 20P
High-Speed CMOS Logic Presettable Synchronous 4-Bit Up/Down Counters
CD54HCT161 TI-CD54HCT161_08 Datasheet
434Kb / 19P
High-Speed CMOS Logic Presettable Counters
logo
IK Semicon Co., Ltd
IN74AC163 IKSEMICON-IN74AC163 Datasheet
313Kb / 9P
Presettable Counters High-Speed Silicon-Gate CMOS
IN74ACT163 IKSEMICON-IN74ACT163 Datasheet
330Kb / 8P
Presettable Counters High-Speed Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com