Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4520E Datasheet (PDF) - Texas Instruments

CD74HC4520E Datasheet PDF - Texas Instruments
Part # CD74HC4520E
Download  CD74HC4520E Download
File Size   367.32 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Dual Synchronous Counters

CD74HC4520E Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC4520E Datasheet PDF - Texas Instruments

Part # CD74HC4520E
Download  CD74HC4520E Click to download

File Size   367.32 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Dual Synchronous Counters

CD74HC4520E Datasheet (HTML) - Texas Instruments


CD74HC4520E Product details

Features
• Positive or Negative Edge Triggering
• Synchronous Internal Carry Propagation
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1μA at VOL, VOH

Description
The CD74HC4518 is a dual BCD up-counter. The ’HC4520
and CD74HCT4520 are dual binary up-counters. Each
device consists of two independent internally synchronous
4-stage counters. The counter stages are D-type flip-flops
having interchangeable CLOCK and ENABLE lines for
incrementing on either the positive-going or the negativegoing
transition of CLOCK. The counters are cleared by high
levels on the MASTER RESET lines. The counter can be
cascaded in the ripple mode by connecting Q3 to the
ENABLE input of the subsequent counter while the CLOCK
input of the latter is held low.




Similar Part No. - CD74HC4520E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4520E TI-CD74HC4520E Datasheet
45Kb / 8P
High Speed CMOS Logic Dual Synchronous Counters
CD74HC4520E TI-CD74HC4520E Datasheet
280Kb / 13P
High-Speed CMOS Logic Dual Synchronous Counters
CD74HC4520E TI1-CD74HC4520E Datasheet
468Kb / 17P
High-Speed CMOS Logic Dual Synchronous Counters
CD74HC4520EE4 TI-CD74HC4520EE4 Datasheet
280Kb / 13P
High-Speed CMOS Logic Dual Synchronous Counters
More results


Similar Description - CD74HC4520E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC161 TI-CD74HC161 Datasheet
65Kb / 10P
High Speed CMOS Logic Presettable Counters
CD74HC40103 TI-CD74HC40103 Datasheet
45Kb / 9P
High Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC4518 TI-CD74HC4518 Datasheet
45Kb / 8P
High Speed CMOS Logic Dual Synchronous Counters
CD54HC40103 TI-CD54HC40103 Datasheet
279Kb / 14P
High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC4520 TI-CD54HC4520 Datasheet
280Kb / 13P
High-Speed CMOS Logic Dual Synchronous Counters
CD54HC40103 TI-CD54HC40103_07 Datasheet
424Kb / 16P
High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HC40103 TI-CD54HC40103_03 Datasheet
158Kb / 12P
High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD54HCT161 TI-CD54HCT161_08 Datasheet
434Kb / 19P
High-Speed CMOS Logic Presettable Counters
CD54HC40103 TI-CD54HC40103_08 Datasheet
454Kb / 16P
High-Speed CMOS Logic 8-Stage Synchronous Down Counters
CD74HC4518 TI1-CD74HC4518_14 Datasheet
468Kb / 17P
High-Speed CMOS Logic Dual Synchronous Counters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com