Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-MM-PAVOS Datasheet (PDF) - Coherent Corp

4-MM-PAVOS Datasheet PDF - Coherent Corp
Part # 4-MM-PAVOS
Download  4-MM-PAVOS Download
File Size   393.59 Kbytes
Page   3 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description 4 mm PAVOS

4-MM-PAVOS Datasheet (PDF)

Go To PDF Page Download Datasheet
4-MM-PAVOS Datasheet PDF - Coherent Corp

Part # 4-MM-PAVOS
Download  4-MM-PAVOS Click to download

File Size   393.59 Kbytes
Page   3 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description 4 mm PAVOS

4-MM-PAVOS Datasheet (HTML) - Coherent Corp


4-MM-PAVOS Product details

Features
• Completely passive; no tuning
required
• Stable performance to 50 W
• Optically contacted PBS cubes
for improved damage threshold
• Input polarization adjustability

Applications
• Elimination of ASE in amplified
systems, including CPA, MOPA,
and regeneratively amplified
mode-locked lasers
• Protecting lasers from back
reflection caused by illuminating
highly reflective materials
• Preventing frequency instability
in seed lasers and other single
frequency lasers




Similar Part No. - 4-MM-PAVOS

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
4-MM-PAVOS-ULTRA COHERENT-4-MM-PAVOS-ULTRA Datasheet
237Kb / 2P
4 mm PAVOS Ultra
More results


Similar Description - 4-MM-PAVOS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3364 BOURNS-3364 Datasheet
192Kb / 2P
4 mm Square Trimming Potentiometer
3364 BOURNS-3364 Datasheet
192Kb / 2P
4 mm Square Trimming Potentiometer
logo
Cree, Inc
LO494PBL4-B0G-A3 CREE-LO494PBL4-B0G-A3 Datasheet
336Kb / 5P
4-mm Oval LED
LO494PPG4-B0G-A3 CREE-LO494PPG4-B0G-A3 Datasheet
336Kb / 5P
4-mm Oval LED
LO494THR4-B0G-A2 CREE-LO494THR4-B0G-A2 Datasheet
333Kb / 5P
4-mm Oval LED
LO494TYL4-B0G-A2 CREE-LO494TYL4-B0G-A2 Datasheet
336Kb / 5P
4-mm Oval LED
C4SMK-RJS CREE-C4SMK-RJS Datasheet
706Kb / 9P
4-mm Oval LED
logo
Fronter Electronics Co....
OSC-SMD2520 FRONTER-OSC-SMD2520 Datasheet
148Kb / 2P
4 Pad Version 2.5x2.0 mm
OSC-SMD5032 FRONTER-OSC-SMD5032 Datasheet
147Kb / 2P
4 Pad Version 5.0x3.2 mm
logo
WAGO Kontakttechnik Gmb...
862-594 WAGO-862-594 Datasheet
849Kb / 6P
4-Leiter-Geräteanschlussklemme; ohne PE-Kontakt; 4-polig; 4 mm²; 4,00 mm²; schwarz
12.07.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com