Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2624EVB Datasheet (PDF) - Qorvo, Inc

TGA2624EVB Datasheet PDF - Qorvo, Inc
Part # TGA2624EVB
Download  TGA2624EVB Download
File Size   874.8 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 9 – 10 GHz 18 Watt GaN Power Amplifier

TGA2624EVB Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA2624EVB Datasheet PDF - Qorvo, Inc

Part # TGA2624EVB
Download  TGA2624EVB Click to download

File Size   874.8 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 9 – 10 GHz 18 Watt GaN Power Amplifier

TGA2624EVB Datasheet (HTML) - Qorvo, Inc


TGA2624EVB Product details

Key Features
• Frequency Range: 9 – 10 GHz
• PSAT: 42.5 dBm (PIN = 15 dBm)
• P1dB: > 38dBm
• PAE: > 40% (PIN = 15 dBm)
• Large Signal Gain: 27.5 dB
• Small Signal Gain: > 35 dB
• Return Loss: > 11 dB
• Bias: VD = 28 V, IDQ = 365 mA
• Pulsed VD: PW = 100 us and DC = 10%
• Die Dimensions: 5.0 x 2.62 x 0.10 mm

Applications
• Weather and Marine Radar




Similar Part No. - TGA2624EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2624 TRIQUINT-TGA2624 Datasheet
619Kb / 14P
9 to 10GHz 18W GaN Power Amplifier
TGA2624-CP TRIQUINT-TGA2624-CP Datasheet
495Kb / 15P
9 to 10 GHz, 16 W GaN Power Amplifier
TGA2624-CP TRIQUINT-TGA2624-CP_15 Datasheet
495Kb / 15P
9 to 10 GHz, 16 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2624-SM QORVO-TGA2624-SM Datasheet
696Kb / 18P
9??0 GHz 20 W GaN Power Amplifier
TGA2624-SMEVB QORVO-TGA2624-SMEVB Datasheet
696Kb / 18P
9??0 GHz 20 W GaN Power Amplifier
More results


Similar Description - TGA2624EVB

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC999 HITTITE-HMC999 Datasheet
660Kb / 10P
GaN MMIC 10 WATT POWER AMPLIFIER, 0.01 - 10 GHz
HMC999 HITTITE-HMC999_12 Datasheet
701Kb / 10P
GaN MMIC 10 WATT POWER AMPLIFIER
logo
TriQuint Semiconductor
TGA2622-CP TRIQUINT-TGA2622-CP_15 Datasheet
611Kb / 15P
9 to 10 GHz 35 W GaN Power Amplifier
TGA2624-CP TRIQUINT-TGA2624-CP_15 Datasheet
495Kb / 15P
9 to 10 GHz, 16 W GaN Power Amplifier
logo
Analog Devices
HMC7149 AD-HMC7149 Datasheet
927Kb / 10P
10 WATT GaN MMIC POWER AMPLIFIER,
logo
Custom MMIC Design Serv...
CMD216 MMIC-CMD216 Datasheet
194Kb / 8P
14-18 GHz GaN Power Amplifier
logo
Qorvo, Inc
QPA2962 QORVO-QPA2962 Datasheet
1Mb / 27P
2 ??20 GHz 10 Watt GaN Amplifier
TGA2222 QORVO-TGA2222 Datasheet
571Kb / 21P
32 ??38 GHz 10 Watt GaN Amplifier
TGA2962 QORVO-TGA2962 Datasheet
637Kb / 27P
2 ??20 GHz 10 Watt GaN Amplifier
CMD216 QORVO-CMD216 Datasheet
116Kb / 8P
14-18 GHz GaN Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com