Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL2223 Datasheet (PDF) - Qorvo, Inc

TGL2223 Datasheet PDF - Qorvo, Inc
Part # TGL2223
Download  TGL2223 Download
File Size   911.07 Kbytes
Page   12 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 1 – 31GHz 5-Bit Digital Attenuator

TGL2223 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGL2223 Datasheet PDF - Qorvo, Inc

Part # TGL2223
Download  TGL2223 Click to download

File Size   911.07 Kbytes
Page   12 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 1 – 31GHz 5-Bit Digital Attenuator

TGL2223 Datasheet (HTML) - Qorvo, Inc


TGL2223 Product details

Product Features
• Frequency Range: 1 – 31 GHz
• 5-Bit Digital Attenuator
• Attenuation Step Size (LSB): 0.5 dB
• Attenuation Range: 15.5 dB
• Insertion Loss (Ref. State): 1.8 – 4.2 dB
• RMS Attenuation Error: < 0.9 dB
• RMS Step Error: < 0.5 dB
• Control Voltage: -3.3 to -5.0 V
• Package Size: 3.0 x 3.0 x 1.63 mm

Applications
• Commercial and Military Radar
• Electronic Warfare
• Satellite Communications
• Point to Point Radio
• General Purpose




Similar Part No. - TGL2223

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGL2223 TRIQUINT-TGL2223 Datasheet
1Mb / 11P
0.1-31 GHz 5-Bit Attenuator
TGL2223-SM TRIQUINT-TGL2223-SM Datasheet
915Kb / 13P
0.1-31 GHz 5-Bit Attenuator
logo
Qorvo, Inc
TGL2223-SM QORVO-TGL2223-SM Datasheet
867Kb / 11P
1 ??31GHz 5-Bit Digital Attenuator
logo
TriQuint Semiconductor
TGL2223-SM TRIQUINT-TGL2223-SM_15 Datasheet
915Kb / 13P
0.1-31 GHz 5-Bit Attenuator
TGL2223 TRIQUINT-TGL2223_15 Datasheet
1Mb / 11P
0.1-31 GHz 5-Bit Attenuator
More results


Similar Description - TGL2223

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HT1001 HBH-HT1001 Datasheet
17Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
HT1001_SMD HBH-HT1001_SMD Datasheet
18Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
logo
Spectrum Microwave, Inc...
TAD2104 SPECTRUM-TAD2104 Datasheet
559Kb / 1P
5 Bit Digital Attenuator
TAD5008 SPECTRUM-TAD5008 Datasheet
186Kb / 1P
5 Bit Digital Attenuator
TAD6005 SPECTRUM-TAD6005 Datasheet
190Kb / 1P
5 Bit Digital Attenuator
logo
M/A-COM Technology Solu...
MADA2030G MA-COM-MADA2030G Datasheet
71Kb / 4P
5-Bit GaAs Digital Attenuator
MADA2030G MA-COM-MADA2030G_15 Datasheet
590Kb / 5P
5-Bit GaAs Digital Attenuator
logo
Tyco Electronics
MAATGM0004-DIE MACOM-MAATGM0004-DIE Datasheet
202Kb / 5P
Attenuator, Digital, 5-Bit
logo
United Monolithic Semic...
CHT3029-QEG UMS-CHT3029-QEG Datasheet
1Mb / 12P
DC-31GHz 4Bit Digital Attenuator
logo
Qorvo, Inc
TGL2223-SM QORVO-TGL2223-SM Datasheet
867Kb / 11P
1 ??31GHz 5-Bit Digital Attenuator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com