Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL2767 Datasheet (PDF) - Qorvo, Inc

TGL2767 Datasheet PDF - Qorvo, Inc
Part # TGL2767
Download  TGL2767 Download
File Size   414.54 Kbytes
Page   12 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2–25 GHz Voltage Variable Attenuator

TGL2767 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGL2767 Datasheet PDF - Qorvo, Inc

Part # TGL2767
Download  TGL2767 Click to download

File Size   414.54 Kbytes
Page   12 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2–25 GHz Voltage Variable Attenuator

TGL2767 Datasheet (HTML) - Qorvo, Inc


TGL2767 Product details

Product Features
• Frequency Range: 2 – 25 GHz
• Attenuation Range: 20 dB
• Insertion Loss (Ref. State): < 2 dB
• Control Voltage: 0.0 – 1.5 V
• Reference Voltage: 1.5 V
• Die Size: 1.17 x 0.98 x 0.10 mm

Applications
• Commercial and Military Radar
• Electronic Warfare
• Satellite Communications
• Point to Point Radio
• Instrumentation
• General Purpose




Similar Part No. - TGL2767

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2767-SM QORVO-TGL2767-SM Datasheet
599Kb / 11P
2 ??31GHz Voltage Variable Attenuator
TGL2767-SMEVB QORVO-TGL2767-SMEVB Datasheet
599Kb / 11P
2 ??31GHz Voltage Variable Attenuator
More results


Similar Description - TGL2767

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV141-321 ALPHA-AV141-321 Datasheet
543Kb / 3P
GaAs IC 25 dB Voltage Variable Attenuator 2.7-4.0 GHz
logo
Tyco Electronics
AT-250 MACOM-AT-250 Datasheet
122Kb / 2P
Voltage Variable Absorptive Attenuator DC - 2 GHz
AT-255 MACOM-AT-255 Datasheet
32Kb / 2P
3Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz
AT-259 MACOM-AT-259 Datasheet
112Kb / 2P
Voltage Variable Absorptive Attenuator DC - 2 GHz
AT-332 MACOM-AT-332 Datasheet
114Kb / 2P
Voltage Variable Absorptive Attenuator DC - 2 GHz
logo
Skyworks Solutions Inc.
SKY12146-321 SKYWORKS-SKY12146-321 Datasheet
87Kb / 3P
GaAs IC 25 dB Voltage Variable Attenuator 2.7-4.0 GHz
logo
Tyco Electronics
AT-255 MACOM-AT-255_1 Datasheet
180Kb / 3P
3 Volt Voltage Variable Attenuator 25 dB, DC-2.5 GHz
MAAVSS0006 MACOM-MAAVSS0006 Datasheet
192Kb / 3P
3 Volt Voltage Variable Attenuator 25 dB, DC-2.5 GHz
MAAV-008988-PKG003 MACOM-MAAV-008988-PKG003 Datasheet
40Kb / 2P
Attenuator, Voltage Variable, 2.0.15.5 GHz
logo
M/A-COM Technology Solu...
MAAVSS0006 MA-COM-MAAVSS0006 Datasheet
103Kb / 3P
3 Volt Voltage Variable Attenuator 25 dB, DC - 2.5 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com