Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34.51.7.005.0010 Datasheet (PDF) - Finder Relays, Inc.

34.51.7.005.0010 Datasheet PDF - Finder Relays, Inc.
Part # 34.51.7.005.0010
Download  34.51.7.005.0010 Download
File Size   2684.14 Kbytes
Page   14 Pages
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.
Description Ultra-Slim electromechanical PCB relays 6 A

34.51.7.005.0010 Datasheet (PDF)

Go To PDF Page Download Datasheet
34.51.7.005.0010 Datasheet PDF - Finder Relays, Inc.

Part # 34.51.7.005.0010
Download  34.51.7.005.0010 Click to download

File Size   2684.14 Kbytes
Page   14 Pages
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.
Description Ultra-Slim electromechanical PCB relays 6 A

34.51.7.005.0010 Datasheet (HTML) - Finder Relays, Inc.


34.51.7.005.0010 Product details

Ultra-slim 1 Pole - 6 A relay
Printed circuit mount
- direct or via PCB socket 35 mm rail mount
- via screw, screwless or push-in terminal sockets
• 1 Pole changeover contacts or 1 Pole normally open contact
• Ultra slim (5 mm), package
• Sensitive DC coil - 170 mW (Dual AC/DC coil drive possible using 93 series sockets)
• UL Listing (certain relay/socket combinations)
• Cadmium Free contact materials
• 8/8 mm clearance/creepage distance
• 6 kV (1.2/50 μs) insulation, coil-contacts




Similar Part No. - 34.51.7.005.0010

ManufacturerPart #DatasheetDescription
logo
Altech corporation
34.102 ALTECH-34.102 Datasheet
38Kb / 1P
FIXED PRINTED CIRCUIT
34.102 ALTECH-34.102 Datasheet
70Kb / 2P
FIXED PRINTED CIRCUIT US Pin Spacinga Tubular Screw Clamp
34.103 ALTECH-34.103 Datasheet
38Kb / 1P
FIXED PRINTED CIRCUIT
34.103 ALTECH-34.103 Datasheet
70Kb / 2P
FIXED PRINTED CIRCUIT US Pin Spacinga Tubular Screw Clamp
34.104 ALTECH-34.104 Datasheet
38Kb / 1P
FIXED PRINTED CIRCUIT
More results


Similar Description - 34.51.7.005.0010

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JR1A-TM-AC115 NAIS-JR1A-TM-AC115 Datasheet
106Kb / 4P
SLIM TYPE POWER RELAYS
logo
Picker Components
PC466 PICKER-PC466 Datasheet
194Kb / 2P
Ultra Slim Minature PCB Power Relay
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
PCB relays Twin relays
SNR MACOM-SNR Datasheet
220Kb / 3P
Slim PCB Relay
PCN MACOM-PCN Datasheet
173Kb / 2P
Slim PCB Relay
logo
List of Unclassifed Man...
RJ1S-CL-D24 ETC2-RJ1S-CL-D24 Datasheet
722Kb / 10P
RJ Series Slim Power Relays
logo
Picker Components
PC466 PICKER-PC466_14 Datasheet
258Kb / 2P
Ultra Slim Minature PCB Power Relay
logo
XP Power Limited
DSL240 XPPOWER-DSL240 Datasheet
193Kb / 2P
Ultra Slim Design
logo
Picker Components
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
Ultra Slim Miniature PCB Power Relay
logo
Tyco Electronics
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
PCB Relays Single Relays
Revised 6-2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com