Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4517BE Datasheet (PDF) - Texas Instruments

CD4517BE Datasheet PDF - Texas Instruments
Part # CD4517BE
Download  CD4517BE Download
File Size   475.92 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Dual 64-Stage Static Shift Register

CD4517BE Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4517BE Datasheet PDF - Texas Instruments

Part # CD4517BE
Download  CD4517BE Click to download

File Size   475.92 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Dual 64-Stage Static Shift Register

CD4517BE Datasheet (HTML) - Texas Instruments


CD4517BE Product details

Features:
® Low quiescent current — 10 nA/pkg (typ.)
atVpp=5V
® Clock frequency 12 MHz (typ.} at
Vpp=10V
® Schmitt trigger clock inputs allow operation
with very slow clock rise and fall times
= Capable of driving two low-power TTL loads,
one low- power Schottky TTL load, or two
HTL loads
® Three-state outputs
= 100% tested for quiescent current at 20 V
Standardized, symmetrical output
characteristics
®5-V, 10-V and 15-V parametric ratings
® Meets all requirements of JEDEC Tentative
Standard No. 13B,"Standard Specifications
for Description of ‘B’ Series CMOS Devices”




Similar Part No. - CD4517BE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4517BE TI-CD4517BE Datasheet
1Mb / 14P
3-state parallel outputs for connection to common bus
CD4517BE TI1-CD4517BE Datasheet
396Kb / 9P
CMOS Dual 64-Stage Static Shift Register
CD4517BE TI1-CD4517BE Datasheet
414Kb / 9P
Cmos Dual 64-stage Static Shift Register
CD4517BEE4 TI1-CD4517BEE4 Datasheet
396Kb / 9P
CMOS Dual 64-Stage Static Shift Register
CD4517BEE4 TI1-CD4517BEE4 Datasheet
414Kb / 9P
Cmos Dual 64-stage Static Shift Register
More results


Similar Description - CD4517BE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4031B STMICROELECTRONICS-HCC4031B Datasheet
241Kb / 12P
64-STAGE STATIC SHIFT REGISTER
Jun-1989
HCC4517B STMICROELECTRONICS-HCC4517B Datasheet
244Kb / 12P
DUAL 64-STAGE STATIC SHIFT REGISTER
Sep-1988
logo
Texas Instruments
CD4031B TI-CD4031B Datasheet
265Kb / 6P
CMOS 64-STAGE STATIC SHIFT REGISTER
CD4517B TI-CD4517B Datasheet
245Kb / 6P
CMOS DUAL 64-STAGE STATIC SHIFT REGISTER
logo
Intersil Corporation
CD4031BMS INTERSIL-CD4031BMS Datasheet
97Kb / 10P
CMOS 64-Stage Static Shift Register
December 1992
CD4517BMS INTERSIL-CD4517BMS Datasheet
116Kb / 9P
CMOS Dual 64-Stage Static Shift Register
December 1992
logo
National Semiconductor ...
CD4031BM NSC-CD4031BM Datasheet
145Kb / 6P
64-Stage Static Shift Register
logo
STMicroelectronics
HCF4517B STMICROELECTRONICS-HCF4517B_02 Datasheet
323Kb / 8P
DUAL 64 STAGE STATIC SHIFT REGISTER
Sep-2002
logo
Texas Instruments
CD4517BF3A TI1-CD4517BF3A Datasheet
396Kb / 9P
CMOS Dual 64-Stage Static Shift Register
CD4517B TI1-CD4517B_09 Datasheet
414Kb / 9P
Cmos Dual 64-stage Static Shift Register
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com