Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF2310-EP Datasheet (PDF) - Texas Instruments

CDCVF2310-EP Datasheet PDF - Texas Instruments
Part # CDCVF2310-EP
Download  CDCVF2310-EP Download
File Size   506.24 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCVF2310 2.5-V to 3.3-V High-Performance Clock Buffer

CDCVF2310-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCVF2310-EP Datasheet PDF - Texas Instruments

Part # CDCVF2310-EP
Download  CDCVF2310-EP Click to download

File Size   506.24 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCVF2310 2.5-V to 3.3-V High-Performance Clock Buffer

CDCVF2310-EP Datasheet (HTML) - Texas Instruments


CDCVF2310-EP Product details

1 Features
1• High-Performance 1:10 Clock Driver
• Operates up to 200 MHz at V DD 3.3 V
• Pin-to-Pin Skew < 100 ps at VDD 3.3 V
• VDD Range: 2.3 V to 3.6 V
• Operating Temperature Range –40°C to 105°C
• Supports 105ºC Ambient Temperature (see
Thermal Considerations)
• Output Enable Glitch Suppression
• Distributes One Clock Input to Two Banks of Five
Outputs
• 25-Ω On-Chip Series Damping Resistors
• Packaged in 24-Pin TSSOP

2 Applications
• General-Purpose Applications

3 Description
The CDCVF2310 device is a high-performance, low-
skew clock buffer that operates up to 200 MHz. Two
banks of five outputs each provide low-skew copies
of CLK. After power up, the default state of the
outputs is low regardless of the state of the control
pins. For normal operation, the outputs of bank 1Y[0:4] or 2Y[0:4] can be placed in a low state when
the control pins (1G or 2G, respectively) are held low
and a negative clock edge is detected on the CLK
input. The outputs of bank 1Y[0:4] or 2Y[0:4] can be
switched into the buffer mode when the control pins
(1G and 2G) are held high and a negative clock edge is detected on the CLK input. The device operates in
a 2.5-V and 3.3-V environment. The built-in output
enable glitch suppression ensures a synchronized
output enable sequence to distribute full period clock
signals.
The CDCVF2310 is characterized for operation from
–40°C to 85°C.




Similar Part No. - CDCVF2310-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2310-EP TI1-CDCVF2310-EP Datasheet
740Kb / 16P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
More results


Similar Description - CDCVF2310-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2310 TI-CDCVF2310 Datasheet
135Kb / 11P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF310 TI-CDCVF310 Datasheet
148Kb / 12P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
logo
PulseCore Semiconductor
ASM2P2310A PULSECORE-ASM2P2310A Datasheet
462Kb / 11P
2.5-V TO 3.3-V High-Performance Clock Buffer
logo
Texas Instruments
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCVF2310PW TI-CDCVF2310PW Datasheet
736Kb / 16P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCVF310 TI1-CDCVF310_15 Datasheet
767Kb / 16P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310-EP TI1-CDCVF2310-EP Datasheet
740Kb / 16P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com