Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCC-M0530M-LP Datasheet (PDF) - Panasonic Semiconductor

PCC-M0530M-LP Datasheet PDF - Panasonic Semiconductor
Part # PCC-M0530M-LP
Download  PCC-M0530M-LP Download
File Size   2521.32 Kbytes
Page   15 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Power Inductors

PCC-M0530M-LP Datasheet (PDF)

Go To PDF Page Download Datasheet
PCC-M0530M-LP Datasheet PDF - Panasonic Semiconductor

Part # PCC-M0530M-LP
Download  PCC-M0530M-LP Click to download

File Size   2521.32 Kbytes
Page   15 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Power Inductors

PCC-M0530M-LP Datasheet (HTML) - Panasonic Semiconductor


PCC-M0530M-LP Product details

Features
●High heat resistance : Operation up to 155 ℃ including self-heating. (180 ℃ short time*)
* Please contact for possible to use over 155 ℃ condition. Temperature up to 180 ℃ may possibly be used.
●Low profile : 3mm max. height (PCC-M0530M-LP, PCC-M0630M-LP)
4mm max. height (PCC-M0840M-LP, PCC-M1040M-LP)
●SMD type
●High-reliability : High vibration resistance as result of newly developed integral construction ;
under severe reliability conditions of automotive and other strenuous
applications
●High bias current : Excellent inductance stability using ferrous alloy magnetic material
●Temp. stability : Excellent inductance stability over broad temp. range
●Low audible (buzz) noise : A gapless structure achieved with metal composite core
●High efficiency : Low DC resistance of winding and low eddy-current loss of the core
●Shielded construction
●AEC-Q200 compliant
●RoHS compliant

applications
●Noise filter for various drive circuitry requiring high temp. operation and peak current handling capability
●Boost-Converter, Buck-Converter DC/DC




Similar Part No. - PCC-M0530M-LP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PCC-M0530M-LP PANASONIC-PCC-M0530M-LP Datasheet
237Kb / 13P
Power Choke Coil (Automotive Grade)
10 May. 2019
PCC-M0530M-LP PANASONIC-PCC-M0530M-LP Datasheet
2Mb / 15P
Power Choke Coil (Automotive Grade)
30-Jun-22
PCC-M0530M-LPMC PANASONIC-PCC-M0530M-LPMC Datasheet
237Kb / 13P
Power Choke Coil (Automotive Grade)
10 May. 2019
PCC-M0530M-LP PANASONIC-PCC-M0530M-LP_V01 Datasheet
237Kb / 13P
Power Choke Coil (Automotive Grade)
10 May. 2019
PCC-M0530M-LP PANASONIC-PCC-M0530M-LP_V02 Datasheet
2Mb / 15P
Power Choke Coil (Automotive Grade)
30-Jun-22
More results


Similar Description - PCC-M0530M-LP

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com