Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72SXV82M Datasheet (PDF) - Panasonic Semiconductor

72SXV82M Datasheet PDF - Panasonic Semiconductor
Part # 72SXV82M
Download  72SXV82M Download
File Size   1231.5 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Conductive Polymer Aluminum

72SXV82M Datasheet (PDF)

Go To PDF Page Download Datasheet
72SXV82M Datasheet PDF - Panasonic Semiconductor

Part # 72SXV82M
Download  72SXV82M Click to download

File Size   1231.5 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Conductive Polymer Aluminum

72SXV82M Datasheet (HTML) - Panasonic Semiconductor


72SXV82M Product details

Features
● Super high voltage (100 V max.)
● 125 ℃ 1000 h
● RoHS compliance, Halogen free




Similar Part No. - 72SXV82M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
72SXE100M PANASONIC-72SXE100M Datasheet
1Mb / 8P
Conductive Polymer Aluminum
21-Oct-24
72SXE82M PANASONIC-72SXE82M Datasheet
1Mb / 8P
Conductive Polymer Aluminum
21-Oct-24
More results


Similar Description - 72SXV82M

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
EEFFD0D680R PANASONIC-EEFFD0D680R_15 Datasheet
84Kb / 3P
Conductive Polymer Aluminum Capacitors
EEFLX0D331R PANASONIC-EEFLX0D331R_16 Datasheet
52Kb / 2P
Conductive Polymer Aluminum Electrolytic Capacitors
EEFSL0D101ER PANASONIC-EEFSL0D101ER_15 Datasheet
64Kb / 1P
Conductive Polymer Aluminum Capacitors
logo
United Chemi-Con, Inc.
APSK2R5ELL221 CHEMI-CON-APSK2R5ELL221 Datasheet
294Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
4SEQP150M PANASONIC-4SEQP150M Datasheet
527Kb / 9P
Conductive Polymer Aluminum Solid Capacitors
4SVQP150M PANASONIC-4SVQP150M Datasheet
436Kb / 7P
Conductive Polymer Aluminum Solid Capacitors
25SEK82M PANASONIC-25SEK82M Datasheet
500Kb / 9P
Conductive Polymer Aluminum Solid Capacitors
63SXE18M PANASONIC-63SXE18M Datasheet
547Kb / 9P
Conductive Polymer Aluminum Solid Capacitors
ZSU-A PANASONIC-ZSU-A Datasheet
569Kb / 9P
Conductive Polymer Hybrid Aluminum
29-Jan-21
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com