Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1621PLUS Datasheet (PDF) - Synology Inc.

DS1621PLUS Datasheet PDF - Synology Inc.
Part # DS1621PLUS
Download  DS1621PLUS Download
File Size   1617.87 Kbytes
Page   8 Pages
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.
Description DiskStation DS1621

DS1621PLUS Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1621PLUS Datasheet PDF - Synology Inc.

Part # DS1621PLUS
Download  DS1621PLUS Click to download

File Size   1617.87 Kbytes
Page   8 Pages
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.
Description DiskStation DS1621

DS1621PLUS Datasheet (HTML) - Synology Inc.


DS1621PLUS Product details

Highlights
• Accelerated Performance
174% higher 4K random read IOPS and 76% faster
sequential write speeds compared to its predecessor1
• Maximize Performance
Turbocharge HDD arrays without occupying drive bays
using dual built-in M.2 slots for NVMe SSD cache
• Easy Storage Expansion
Scale-up on-demand to 16 drives with two DX517
expansion units2
• Includes Everything to Protect Your Data
Back up critical data to and from public clouds,
Windows PCs and servers, virtual machines, and data
on the NAS with Synology Active Backup suite, Hyper
Backup, and Snapshot Replication
• Ready for 10/25GbE
Supports 10GbE SFP+ / RJ-45 and 25GbE SFP28 NICs to
instantly increase network bandwidth based on your
infrastructure3




Similar Part No. - DS1621PLUS

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1621 DALLAS-DS1621 Datasheet
647Kb / 16P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
DS1621 MAXIM-DS1621 Datasheet
525Kb / 16P
Digital Thermometer and
2015
DS1621+ MAXIM-DS1621+ Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
DS1621+ MAXIM-DS1621+ Datasheet
525Kb / 16P
Digital Thermometer and
2015
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com