Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ206Y103JXJAT Datasheet (PDF) - Microchip Technology

VJ206Y103JXJAT Datasheet PDF - Microchip Technology
Part # VJ206Y103JXJAT
Download  VJ206Y103JXJAT Download
File Size   491.49 Kbytes
Page   13 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3.3V, 125Mbps, 155Mbps Clock and Data Recovery

VJ206Y103JXJAT Datasheet (PDF)

Go To PDF Page Download Datasheet
VJ206Y103JXJAT Datasheet PDF - Microchip Technology

Part # VJ206Y103JXJAT
Download  VJ206Y103JXJAT Click to download

File Size   491.49 Kbytes
Page   13 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3.3V, 125Mbps, 155Mbps Clock and Data Recovery

VJ206Y103JXJAT Datasheet (HTML) - Microchip Technology


VJ206Y103JXJAT Product details

General Description
The SY69753AL is a complete Clock Recovery and Data Retiming integrated circuit for OC-3/STS-3 applications at 155Mbps NRZ. The device is ideally suited for SONET/SDH/ATM applications and other high-speed data transmission systems.
Clock recovery and data retiming is performed by synchronizing the on-chip VCO directly to the incoming data stream. The VCO center frequency is controlled by the reference clock frequency and the selected divide ratio. On-chip clock generation is performed through the use of a frequency multiplier PLL with a byte rate source as reference.
The SY69753AL also includes a link fault detection circuit.
Datasheets and support documentation can be found on Micrel’s web site at: www.micrel.com.

Features
• 3.3V power supply
• SONET/SDH/ATM compatible
• Clock and data recovery for 125Mbps/155Mbps NRZ data stream
• Two on-chip PLLs: one for clock generation and another for clock recovery
• Selectable reference frequencies
• Differential PECL high-speed serial I/O
• Line receiver input: no external buffering needed
• Link fault indication
• 100k ECL compatible I/O
• Industrial temperature range (–40°C to +85°C)
• Lower power: fully compatible with Micrel’s SY87701V, but with 30% less power
• Available in 32-pin EPAD-TQFP

Applications
• Ethernet media converter(m)
• SONET/SDH/ATM OC-3
• Proprietary architecture at 120Mbps to 180Mbps




Similar Part No. - VJ206Y103JXJAT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VJ20M00140K AVX-VJ20M00140K Datasheet
435Kb / 10P
Glass Encapsulated SMD Varistor MLV
VJ20M00140K AVX-VJ20M00140K Datasheet
2Mb / 8P
Glass Encapsulated SMD Varistor MLV (VJ12, 20, 13, 14, 15, 32) Automotive MLV Range ??MA and PA Series
VJ20M00170K AVX-VJ20M00170K Datasheet
435Kb / 10P
Glass Encapsulated SMD Varistor MLV
VJ20M00170K AVX-VJ20M00170K Datasheet
2Mb / 8P
Glass Encapsulated SMD Varistor MLV (VJ12, 20, 13, 14, 15, 32) Automotive MLV Range ??MA and PA Series
VJ20M00200K AVX-VJ20M00200K Datasheet
435Kb / 10P
Glass Encapsulated SMD Varistor MLV
More results


Similar Description - VJ206Y103JXJAT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1575AQ SONY-CXB1575AQ Datasheet
286Kb / 16P
155Mbps Clock & Data Recovery with High Sensitivity Limiting Amplifier
logo
Micrel Semiconductor
SY87702L MICREL-SY87702L Datasheet
112Kb / 14P
3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY69754AL MICREL-SY69754AL Datasheet
500Kb / 14P
3.3V, 622Mbps Clock and Data Recovery
SY69753AL MICREL-SY69753AL Datasheet
499Kb / 13P
3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69753L MICREL-SY69753L_06 Datasheet
443Kb / 13P
3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY69753AL MICREL-SY69753AL_07 Datasheet
491Kb / 13P
3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69753L MICREL-SY69753L_07 Datasheet
489Kb / 13P
3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69754AL MICREL-SY69754AL_07 Datasheet
492Kb / 14P
3.3V, 622Mbps Clock and Data Recovery
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com