Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS Datasheet (PDF) - Sensata Technologies, Inc.

GMS Datasheet PDF - Sensata Technologies, Inc.
Part # GMS
Download  GMS Download
File Size   380.74 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 17.5mm OUTPUT MODULES

GMS Datasheet (PDF)

Go To PDF Page Download Datasheet
GMS Datasheet PDF - Sensata Technologies, Inc.

Part # GMS
Download  GMS Click to download

File Size   380.74 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 17.5mm OUTPUT MODULES

GMS Datasheet (HTML) - Sensata Technologies, Inc.


GMS Product details

Features
• DIN Rail Mountable Single Point Output Modules (35mm DIN)
• UL and cUL Recognized, CE Compliant
• Zero Voltage or Random Turn-On for AC Modules
• 4kV Optical isolation with LED Indicator
• AC Ratings 12-280 VAC, 5A. DC Output 5-60 VDC, 3A
• Industry standard Color Coding Black (AC Output) Red (DC Output)
• Barrier Strips Accept 14 to 28 AWG Wire.




Similar Part No. - GMS

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
GMS SENSATA-GMS Datasheet
253Kb / 3P
I/O MODULES
logo
Phoenix Mecano S.E. Asi...
GMS 11 BOPLA-GMS 11 Datasheet
2Mb / 22P
Cable glands / General Accessories
GMS 13 BOPLA-GMS 13 Datasheet
2Mb / 22P
Cable glands / General Accessories
GMS 16 BOPLA-GMS 16 Datasheet
2Mb / 22P
Cable glands / General Accessories
GMS 21 BOPLA-GMS 21 Datasheet
2Mb / 22P
Cable glands / General Accessories
More results


Similar Description - GMS

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70M-OAC5 GRAYHILL-70M-OAC5 Datasheet
119Kb / 2P
AC Output Modules
70M-ODC5 GRAYHILL-70M-ODC5 Datasheet
125Kb / 2P
DC Output Modules
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
Input/Output Modules
logo
Crydom Inc.,
84130104 CRYDOM-84130104 Datasheet
566Kb / 4P
GMS SERIES 17.5mm OUTPUT MODULES
logo
SELEC Controls Pvt. Ltd
600DT SELEC-600DT Datasheet
738Kb / 2P
17.5mm Din Rail Timer
600SD SELEC-600SD Datasheet
418Kb / 1P
17.5mm Din Rail Timer
600ST SELEC-600ST Datasheet
345Kb / 1P
17.5mm Din Rail Timer
600U SELEC-600U Datasheet
450Kb / 2P
17.5mm Din Rail Timer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com