Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-M1 Datasheet (PDF) - Sensata Technologies, Inc.

T-M1 Datasheet PDF - Sensata Technologies, Inc.
Part # T-M1
Download  T-M1 Download
File Size   664.21 Kbytes
Page   7 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description T-SERIES INDUSTRIAL INCLINOMETER

T-M1 Datasheet (PDF)

Go To PDF Page Download Datasheet
T-M1 Datasheet PDF - Sensata Technologies, Inc.

Part # T-M1
Download  T-M1 Click to download

File Size   664.21 Kbytes
Page   7 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description T-SERIES INDUSTRIAL INCLINOMETER

T-M1 Datasheet (HTML) - Sensata Technologies, Inc.


T-M1 Product details

Features
Electrical Features
Applications
• Dual Axis Measurement Range up to ±60°
• Option for a Single Axis Measurement Range of 360°
• High Resolution: 0.01°
• High Accuracy: 0.1°
• Glass Fiber Reinforced Plastic Housing available
• Factory Calibrated Linearity
• Temperature Compensated for Bias and Sensitivity
• Analog Interface: Voltage, Current
• Highest Protection Class: IP69K, IP68
• Highly Integrated Circuit in SMD-Technology
• Reverse Polarity Protection
• Over Voltage Peak Protection
• Measurement of Inclination (pitch and roll) and Rotational Movements
• Cranes and Construction Machines
• Robotic Arms & Positioning Systems
• Mobile Platform stabilization
• Marine & Offshore Machinery





Similar Description - T-M1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCA61T ETC2-SCA61T Datasheet
420Kb / 18P
INCLINOMETER SERIES
logo
VTI technologies
SCA61T VTI-SCA61T Datasheet
308Kb / 18P
THE SCA61T INCLINOMETER SERIES
SCA100T VTI-SCA100T Datasheet
224Kb / 2P
Inclinometer
SCA103T VTI-SCA103T Datasheet
347Kb / 19P
THE SCA103T DIFFERENTIAL INCLINOMETER SERIES
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
Stand Alone Inclinometer
SCA610 VTI-SCA610 Datasheet
169Kb / 2P
Accelerometer/Inclinometer
SCL1700 VTI-SCL1700 Datasheet
258Kb / 2P
Inclinometer Subassembly
SCA610-C23H1A VTI-SCA610-C23H1A Datasheet
170Kb / 2P
Accelerometer/Inclinometer
logo
Murata Manufacturing Co...
SCA103T MURATA-SCA103T Datasheet
593Kb / 17P
THE SCA103T DIFFERENTIAL INCLINOMETER SERIES
logo
TE Connectivity Ltd
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
Dual axis inclinometer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com