Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT40A2G4 Datasheet (PDF) - Micron Technology

MT40A2G4 Datasheet PDF - Micron Technology
Part # MT40A2G4
Download  MT40A2G4 Download
File Size   11724.66 Kbytes
Page   391 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description 8Gb: x4, x8, x16 DDR4 SDRAM

MT40A2G4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT40A2G4 Datasheet PDF - Micron Technology

Part # MT40A2G4
Download  MT40A2G4 Click to download

File Size   11724.66 Kbytes
Page   391 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description 8Gb: x4, x8, x16 DDR4 SDRAM

MT40A2G4 Datasheet (HTML) - Micron Technology


MT40A2G4 Product details

FeaturesVDD = VDDQ = 1.2V ±60mV
VPP = 2.5V, -125mV, +250mV
On-die, internal, adjustable VREFDQ generation
1.2V pseudo open-drain I/O
Refresh time of 8192-cycle at TC temperature range:
- 64ms at -40℃ to 85℃
- 32ms at >85℃ to 95℃
- 16ms at >95℃ to 105℃
16 internal banks (x4, x8): 4 groups of 4 banks each
8 internal banks (x16): 2 groups of 4 banks each
8n-bit prefetch architecture
Programmable data strobe preambles
Data strobe preamble training
Command/Address latency (CAL)
Multipurpose register READ and WRITE capability
Write leveling
Self refresh mode
Low-power auto self refresh (LPASR)
Temperature controlled refresh (TCR)
Fine granularity refresh
Self refresh abort
Maximum power saving
Output driver calibration
Nominal, park, and dynamic on-die termination (ODT)
Data bus inversion (DBI) for data bus
Command/Address (CA) parity
Databus write cyclic redundancy check (CRC)
Per-DRAM addressability
Connectivity test
JEDEC JESD-79-4 compliant
sPPR and hPPR capability
MBIST-PPR support (Die Revision R only)




Similar Part No. - MT40A2G4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT40A2G4 MICRON-MT40A2G4 Datasheet
11Mb / 373P
Programmable data strobe preambles
MT40A2G4PM-083E MICRON-MT40A2G4PM-083E Datasheet
11Mb / 373P
Programmable data strobe preambles
MT40A2G4TRF-093E MICRON-MT40A2G4TRF-093E Datasheet
359Kb / 13P
TwinDie 1.2V DDR4 SDRAM
More results


Similar Description - MT40A2G4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
512Mb x4, x8, x16 SDRAM
MT47H64M16HR-25ELH MICRON-MT47H64M16HR-25ELH Datasheet
1Mb / 132P
1Gb: x4, x8, x16 DDR2 SDRAM
MT48LC4M16A2P-6A MICRON-MT48LC4M16A2P-6A Datasheet
3Mb / 83P
64Mb: x4, x8, x16 SDRAM
MT48LC16M16A2TG-75ITD MICRON-MT48LC16M16A2TG-75ITD Datasheet
3Mb / 86P
256Mb: x4, x8, x16 SDRAM
MT47H16M16BG-3ITB MICRON-MT47H16M16BG-3ITB Datasheet
1Mb / 129P
256Mb: x4, x8, x16 DDR2 SDRAM
MT40A1G4HX-083E MICRON-MT40A1G4HX-083E Datasheet
10Mb / 365P
4Gb: x4, x8, x16 DDR4 SDRAM
MT40A1G4HX-093E MICRON-MT40A1G4HX-093E Datasheet
10Mb / 365P
4Gb: x4, x8, x16 DDR4 SDRAM
MT40A1G4RH-083E MICRON-MT40A1G4RH-083E Datasheet
10Mb / 365P
4Gb: x4, x8, x16 DDR4 SDRAM
MT40A256M16GE-062E MICRON-MT40A256M16GE-062E Datasheet
10Mb / 365P
4Gb: x4, x8, x16 DDR4 SDRAM
MT40A512M16JY-075EAIT MICRON-MT40A512M16JY-075EAIT Datasheet
11Mb / 358P
8Gb: x4, x8, x16 DDR4 SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com