Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD95372BQ5MCT Datasheet (PDF) - Texas Instruments

CSD95372BQ5MCT Datasheet PDF - Texas Instruments
Part # CSD95372BQ5MCT
Download  CSD95372BQ5MCT Download
File Size   384.52 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD95372BQ5MC Synchronous Buck NexFET™ Smart Power Stage

CSD95372BQ5MCT Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD95372BQ5MCT Datasheet PDF - Texas Instruments

Part # CSD95372BQ5MCT
Download  CSD95372BQ5MCT Click to download

File Size   384.52 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD95372BQ5MC Synchronous Buck NexFET™ Smart Power Stage

CSD95372BQ5MCT Datasheet (HTML) - Texas Instruments


CSD95372BQ5MCT Product details

1 Features
1• 60-A Continuous Operating Current Capability
• 93.4% System Efficiency at 30 A
• Low Power Loss of 2.8 W at 30 A
• High-Frequency Operation (up to 1.25 MHz)
• Diode Emulation Mode With FCCM
• Temperature-Compensated Bidirectional Current
Sense
• Analog Temperature Output (600 mV at 0°C)
• Fault Monitoring
– High-Side Short, Overcurrent, and
Overtemperature Protection
• 3.3-V and 5-V PWM Signal Compatible
• Tri-State PWM Input
• Integrated Bootstrap Diode
• Optimized Deadtime for Shoot-Through Protection
• High-Density SON 5 × 6 mm Footprint
• Ultra-Low Inductance Package
• System-Optimized PCB Footprint
• DualCool™ Packaging
• RoHS Compliant – Lead-Free Terminal Plating
• Halogen-Free

2 Applications
• Multiphase Synchronous Buck Converters
– High-Frequency Applications
– High-Current, Low Duty-Cycle Applications
• POL DC-DC Converters
• Memory and Graphic Cards
• Desktop and Server VR11.x / VR12.x V-Core and
Memory Synchronous Converters

3 Description
The CSD95372BQ5MC NexFET™ smart power
stage is a highly optimized design for use in a high- power, high-density synchronous buck converter.
This product integrates the driver IC and Power
MOSFETs to complete the power stage switching
function. This combination produces high-current, high-efficiency, and high-speed switching capability in
a small 5 mm × 6 mm outline package. It also
integrates the accurate current sensing and
temperature sensing functionality to simplify system
design and improve accuracy. In addition, the PCB
footprint is optimized to help reduce design time and
simplify the completion of the overall system design.




Similar Part No. - CSD95372BQ5MCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95372BQ5MCT TI-CSD95372BQ5MCT Datasheet
799Kb / 13P
CSD95372BQ5MC Synchronous Buck NexFET Smart Power Stage
More results


Similar Description - CSD95372BQ5MCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95372BQ5MC TI-CSD95372BQ5MC_15 Datasheet
799Kb / 13P
CSD95372BQ5MC Synchronous Buck NexFET Smart Power Stage
CSD95481RWJ TI1-CSD95481RWJ Datasheet
809Kb / 15P
Synchronous Buck NexFET Smart Power Stage
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD96497Q5MC TI1-CSD96497Q5MC Datasheet
249Kb / 11P
Synchronous buck NexFET smart power stage
CSD95410RRB TI-CSD95410RRB Datasheet
829Kb / 14P
CSD95410RRB Synchronous Buck NexFET™ Smart Power Stage
SEPTEMBER 2020
CSD95420RCB TI-CSD95420RCB Datasheet
1Mb / 15P
CSD95420RCB Synchronous Buck NexFET™ Smart Power Stage
NOVEMBER 2020
CSD95411 TI-CSD95411 Datasheet
1,019Kb / 15P
CSD95411 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD96415 TI-CSD96415 Datasheet
805Kb / 11P
CSD96415RWJ Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD95430RRB TI1-CSD95430RRB Datasheet
1,000Kb / 12P
CSD95430RRB Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD96416 TI1-CSD96416 Datasheet
802Kb / 11P
CSD96416 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com