Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMBP-1100 Datasheet (PDF) - Infinite Electronics International, Inc.

ASMBP-1100 Datasheet PDF - Infinite Electronics International, Inc.
Part # ASMBP-1100
Download  ASMBP-1100 Download
File Size   66.26 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CON SMB PLUG CRIMP LMR100, RG188

ASMBP-1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASMBP-1100 Datasheet PDF - Infinite Electronics International, Inc.

Part # ASMBP-1100
Download  ASMBP-1100 Click to download

File Size   66.26 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CON SMB PLUG CRIMP LMR100, RG188

ASMBP-1100 Datasheet (HTML) - Infinite Electronics International, Inc.


ASMBP-1100 Product details

ELECTRICAL:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: DC ~ 4 GHz (USEABLE TO 10 GHz)
VSWR: 1.2 MAX. @ DC ~ 4 GHz
DIELECTRIC WITHSTANDING VOLTAGE: 1,000 Vrms
DURABILITY: 500 CYCLES MIN.

MISCELLANEOUS:
APPLICATIONS: LMR100, RG174/U, RG188A/U, RG316/U.

ALL DIMENSIONS ARE FOR REFERENCE ONLY.

COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.




Similar Part No. - ASMBP-1100

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ASMBP-1102 L-COM-ASMBP-1102 Datasheet
78Kb / 1P
ASMBP-1102
02/19/2020
More results


Similar Description - ASMBP-1100

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD510-900-0631H WINCHESTER-SD510-900-0631H Datasheet
126Kb / 1P
STRAIGHT CRIMP / CRIMP SMB PLUG
logo
Pasternack Enterprises,...
PE33143 PASTERNACK-PE33143 Datasheet
277Kb / 1P
CABLE ASSEMBLY RG188-DS SMB PLUG TO SMB PLUG RIGHT ANGLE
PE3721LF PASTERNACK-PE3721LF Datasheet
279Kb / 1P
CABLE ASSEMBLY RG188-SD SMB PLUG TO SMB PLUG(LEAD FREE)
PE3721 PASTERNACK-PE3721 Datasheet
269Kb / 1P
CABLE ASSEMBLY RG188-DS SMB PLUG TO SMB PLUG
PE4046 PASTERNACK-PE4046 Datasheet
262Kb / 3P
SMB Plug Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE34489 PASTERNACK-PE34489 Datasheet
116Kb / 1P
CABLE ASSEMBLY RG188-DS SMB PLUG TO SMB JACK BULKHEAD
logo
List of Unclassifed Man...
BU-P72981 ETC2-BU-P72981 Datasheet
196Kb / 1P
SMB Plug Crimp Installation
logo
Pasternack Enterprises,...
PE4052 PASTERNACK-PE4052 Datasheet
282Kb / 3P
SMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE44792 PASTERNACK-PE44792 Datasheet
265Kb / 3P
SMB Plug Connector Crimp - Solder Attachment For RG316-DS, RG188-DS
PE34477LF PASTERNACK-PE34477LF Datasheet
262Kb / 1P
CABLE ASSEMBLY, RG188-DS, SMB PLUG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com