Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT646ATQCT Datasheet (PDF) - Texas Instruments

CY74FCT646ATQCT Datasheet PDF - Texas Instruments
Part # CY74FCT646ATQCT
Download  CY74FCT646ATQCT Download
File Size   283.87 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS

CY74FCT646ATQCT Datasheet (PDF)

Go To PDF Page Download Datasheet
CY74FCT646ATQCT Datasheet PDF - Texas Instruments

Part # CY74FCT646ATQCT
Download  CY74FCT646ATQCT Click to download

File Size   283.87 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS

CY74FCT646ATQCT Datasheet (HTML) - Texas Instruments


CY74FCT646ATQCT Product details

Function, Pinout, and Drive Compatible
With FCT and F Logic
Reduced VOH (Typically = 3.3 V) Versions
of Equivalent FCT Functions
Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
Ioff Supports Partial-Power-Down Mode
Operation
Matched Rise and Fall Times
Fully Compatible With TTL Input and
Output Logic Levels
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
Independent Register for A and B Buses
CY54FCT646T
– 48-mA Output Sink Current
– 12-mA Output Source Current
CY74FCT646T
– 64-mA Output Sink Current
– 32-mA Output Source Current
3-State Outputs

description
The ’FCT646T devices consist of a bus
transceiver circuit with 3-state, D-type flip-flops,
and control circuitry arranged for multiplexed
transmission of data directly from the input bus or
from the internal registers. Data on the A or B bus
is clocked into the registers as the appropriate
clock pin goes to a high logic level. Output-enable (G) and direction (DIR) inputs control the transceiver function.
In the transceiver mode,data present at the high-impedance port can be stored in either the A or B register, or
in both. Select controls (SAB, SBA) can multiplex stored and real-time (transparent mode) data. DIR determines
which bus receives data when G is low. In the isolation mode (G is high), A data can be stored in the B register
and/or B data can be stored in the A register.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the device when it is powered down.




Similar Part No. - CY74FCT646ATQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT646ATQCT TI-CY74FCT646ATQCT Datasheet
76Kb / 8P
8-Bit Registered Transceiver
CY74FCT646ATQCT TI1-CY74FCT646ATQCT Datasheet
725Kb / 15P
8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - CY74FCT646ATQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT16543 TI-54ACT16543 Datasheet
179Kb / 10P
16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162543 HITACHI-HD74ALVCH162543 Datasheet
58Kb / 12P
16-bit Registered Transceivers with 3-state Outputs
HD74ALVCH16543 HITACHI-HD74ALVCH16543 Datasheet
57Kb / 13P
16-bit Registered Transceivers with 3-state Outputs
logo
Texas Instruments
54ACT16543 TI-54ACT16543_07 Datasheet
322Kb / 12P
16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16544 TI-54ACT16544 Datasheet
153Kb / 9P
16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY54FCT543T TI-CY54FCT543T Datasheet
316Kb / 12P
8-BIT LATCHED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11470 TI1-74ACT11470 Datasheet
125Kb / 7P
8-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16543 TI1-54AC16543 Datasheet
176Kb / 9P
16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16470 TI1-54ACT16470 Datasheet
164Kb / 9P
16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY54FCT646T TI1-CY54FCT646T_14 Datasheet
725Kb / 15P
8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com