Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH7L04CBKFRA Datasheet (PDF) - Rohm

RH7L04CBKFRA Datasheet PDF - Rohm
Part # RH7L04CBKFRA
Download  RH7L04CBKFRA Download
File Size   3372.79 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 60V 40A Power MOSFET

RH7L04CBKFRA Datasheet (PDF)

Go To PDF Page Download Datasheet
RH7L04CBKFRA Datasheet PDF - Rohm

Part # RH7L04CBKFRA
Download  RH7L04CBKFRA Click to download

File Size   3372.79 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 60V 40A Power MOSFET

RH7L04CBKFRA Datasheet (HTML) - Rohm


RH7L04CBKFRA Product details

Features
1) Wettable Flanks Product
2) AEC-Q101 Qualified
3) 100% Avalanche tested
Application
ADAS/info./Lighting/Body




Similar Part No. - RH7L04CBKFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RH7L04CBJFRA ROHM-RH7L04CBJFRA Datasheet
3Mb / 14P
Pch -60V -36A Power MOSFET
20240306 - Rev.001
RH7L04CBLFRA ROHM-RH7L04CBLFRA Datasheet
3Mb / 14P
Nch 60V 40A Power MOSFET
20240418 - Rev.001
More results


Similar Description - RH7L04CBKFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RS1E150GN ROHM-RS1E150GN Datasheet
2Mb / 13P
Nch 30V 40A Power MOSFET
RSJ400N10 ROHM-RSJ400N10 Datasheet
1Mb / 16P
Nch 100V 40A Power MOSFET
SP8K32FRA ROHM-SP8K32FRA Datasheet
2Mb / 14P
60V NchNch Power MOSFET
SH8KC6 ROHM-SH8KC6 Datasheet
2Mb / 14P
60V NchNch Power MOSFET
SH8KC7 ROHM-SH8KC7 Datasheet
2Mb / 14P
60V NchNch Power MOSFET
SH8K39 ROHM-SH8K39 Datasheet
1Mb / 14P
60V NchNch Power MOSFET
20190624 - Rev.004
HP8KC6 ROHM-HP8KC6 Datasheet
2Mb / 14P
60V NchNch Power MOSFET
20230313 - Rev.002
HP8KC7 ROHM-HP8KC7 Datasheet
2Mb / 14P
60V NchNch Power MOSFET
20230328 - Rev.001
HT8KC5 ROHM-HT8KC5 Datasheet
2Mb / 14P
60V NchNch Power MOSFET
20230302 - Rev.002
HT8KC6 ROHM-HT8KC6 Datasheet
2Mb / 14P
60V NchNch Power MOSFET
20230328 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com