Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT841CTSOC.B Datasheet (PDF) - Texas Instruments

CY74FCT841CTSOC.B Datasheet PDF - Texas Instruments
Part # CY74FCT841CTSOC.B
Download  CY74FCT841CTSOC.B Download
File Size   249.67 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT LATCHES WITH 3-STATE OUTPUTS

CY74FCT841CTSOC.B Datasheet (PDF)

Go To PDF Page Download Datasheet
CY74FCT841CTSOC.B Datasheet PDF - Texas Instruments

Part # CY74FCT841CTSOC.B
Download  CY74FCT841CTSOC.B Click to download

File Size   249.67 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT LATCHES WITH 3-STATE OUTPUTS

CY74FCT841CTSOC.B Datasheet (HTML) - Texas Instruments


CY74FCT841CTSOC.B Product details

Function, Pinout, and Drive Compatible
With FCT, F, and AM29841 Logic
Reduced VOH (Typically = 3.3 V) Versions of
Equivalent FCT Functions
Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
Ioff Supports Partial-Power-Down Mode
Operation
Matched Rise and Fall Times
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
Fully Compatible With TTL Input and
Output Logic Levels
High-Speed Parallel Latches
Buffered Common Latch-Enable Input
3-State Outputs
CY54FCT841T
– 32-mA Output Sink Current
– 12-mA Output Source Current
CY74FCT841T
– 64-mA Output Sink Current
– 32-mA Output Source Current

description
The ’FCT841T bus-interface latches are designed to eliminate additional packages required to buffer existing
latches and provide additional data width for wider address/data paths or buses carrying parity. The ’FCT841T
devices are buffered 10-bit-wide versions of the FCT373 function.
The ’FCT841T devices’ high-performance interface is designed for high-capacitance-load drive capability, while
providing low-capacitance bus loading at both inputs and outputs. Outputs are designed for low-capacitance
bus loading in the high-impedance state.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the device when it is powered down.




Similar Part No. - CY74FCT841CTSOC.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT841CTSOC TI-CY74FCT841CTSOC Datasheet
84Kb / 8P
10-Bit Latch
CY74FCT841CTSOC TI1-CY74FCT841CTSOC Datasheet
316Kb / 12P
10-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT841CTSOCE4 TI1-CY74FCT841CTSOCE4 Datasheet
316Kb / 12P
10-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT841CTSOCG4 TI1-CY74FCT841CTSOCG4 Datasheet
316Kb / 12P
10-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT841CTSOCT TI-CY74FCT841CTSOCT Datasheet
84Kb / 8P
10-Bit Latch
More results


Similar Description - CY74FCT841CTSOC.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT841 TI-SN54ABT841 Datasheet
109Kb / 7P
10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI-SN74ALS841 Datasheet
131Kb / 9P
10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
CY74FCT373T TI-CY74FCT373T Datasheet
111Kb / 8P
8-BIT LATCHES WITH 3-STATE OUTPUTS
SN74BCT29841 TI-SN74BCT29841 Datasheet
75Kb / 5P
10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS841 TI-SN54ALS841 Datasheet
141Kb / 11P
10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
CY54FCT573T TI-CY54FCT573T_08 Datasheet
311Kb / 12P
8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT373T TI1-CY54FCT373T_14 Datasheet
686Kb / 12P
8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT573T TI1-CY54FCT573T_14 Datasheet
687Kb / 12P
8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT841T TI1-CY54FCT841T_09 Datasheet
316Kb / 12P
10-BIT LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI1-SN74ALS841_15 Datasheet
265Kb / 13P
10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com