Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDC232 Datasheet (PDF) - Texas Instruments

DDC232 Datasheet PDF - Texas Instruments
Part # DDC232
Download  DDC232 Download
File Size   534.62 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 32-Channel, Current-Input Analog-to-Digital Converter

DDC232 Datasheet (PDF)

Go To PDF Page Download Datasheet
DDC232 Datasheet PDF - Texas Instruments

Part # DDC232
Download  DDC232 Click to download

File Size   534.62 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 32-Channel, Current-Input Analog-to-Digital Converter

DDC232 Datasheet (HTML) - Texas Instruments


DDC232 Product details

1FEATURES
2• Single-Chip Solution to Directly Measure 32
Low-Level Currents
• High-Precision, True Integrating Function
• Integral Linearity:
±0.025% of Reading ±1.0ppm of FSR
• Very Low Noise: 5.3ppm of FSR
• Low Power: 7mW/channel
• Adjustable Full-Scale Range
• Adjustable Speed
– Data Rate up to 6kSPS
– Integration Times as low as 166.5ms
• Daisy-Chainable Serial Interface
• In-Package Bypass Capacitors Simplify PCB
Design

APPLICATIONS
• CT Scanner DAS
• Photodiode Sensors
• X-Ray Detection Systems

DESCRIPTION
The DDC232 is a 20-bit, 32-channel, current-input
analog-to-digital (A/D) converter. It combines both
current-to-voltage and A/D conversion so that 32
separate low-level current output devices, such as
photodiodes, can be directly connected to its inputs
and digitized.
For each of the 32 inputs, the DDC232 provides a
dual-switched integrator front-end. This configuration
allows for continuous current integration: while one
integrator is being digitized by the onboard A/D
converter, the other is integrating the input current.
Adjustable integration times range from 166ms to 1s,
allowing currents from fAs to mAs to be continuously
measured with outstanding precision.
The DDC232 has a serial interface designed for
daisy-chaining in multi-device systems. Simply
connect the output of one device to the input of the
next to create the chain. Common clocking feeds all
the devices in the chain so that the digital overhead
in a multi-DDC232 system is minimal.
The DDC232 uses a +5V analog supply and a +2.7V
to +3.6V digital supply. Operating over the
temperature range of 0°C to +70°C, the DDC232 BGA-64 package is offered in two versions: the
DDC232C for low-power applications, and the
DDC232CK when higher speeds are required.




Similar Part No. - DDC232

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DDC232 BURR-BROWN-DDC232 Datasheet
303Kb / 28P
32-Channel, Current-Input Analog-to-Digital Converter
logo
Texas Instruments
DDC232 TI1-DDC232 Datasheet
979Kb / 34P
32-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232 Datasheet
977Kb / 34P
32-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232 Datasheet
1Mb / 36P
32-Channel, Current-Input Analog-to-Digital Converter
DDC232C TI1-DDC232C Datasheet
979Kb / 34P
32-Channel, Current-Input Analog-to-Digital Converter
More results


Similar Description - DDC232

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DDC232 BURR-BROWN-DDC232 Datasheet
303Kb / 28P
32-Channel, Current-Input Analog-to-Digital Converter
logo
Texas Instruments
DDC316 TI-DDC316 Datasheet
391Kb / 24P
16-Channel, Current-Input Analog-to-Digital Converter
DDC264 TI1-DDC264 Datasheet
482Kb / 26P
64-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232_15 Datasheet
979Kb / 34P
32-Channel, Current-Input Analog-to-Digital Converter
DDC1128 TI1-DDC1128 Datasheet
657Kb / 9P
128-Channel, Current-Input Analog-to-Digital Converter
DDC2256A TI1-DDC2256A Datasheet
170Kb / 7P
256-Channel, Current-Input Analog-To-Digital Converter
DDC316 TI1-DDC316_17 Datasheet
1Mb / 28P
16-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232_17 Datasheet
977Kb / 34P
32-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232_V01 Datasheet
1Mb / 36P
32-Channel, Current-Input Analog-to-Digital Converter
DDC3256 TI1-DDC3256 Datasheet
614Kb / 9P
DDC3256 256-Channel, Current-Input Analog-To-Digital Converter
JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com