Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2002180300 Datasheet (PDF) - Molex Electronics Ltd.

2002180300 Datasheet PDF - Molex Electronics Ltd.
Part # 2002180300
Download  2002180300 Download
File Size   65.1 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Micro- Lock Plus 1.25mm Pitch Wire-to-Board Receptacle Terminals, 30-26 AWG, UL1061 wire

2002180300 Datasheet (PDF)

Go To PDF Page Download Datasheet
2002180300 Datasheet PDF - Molex Electronics Ltd.

Part # 2002180300
Download  2002180300 Click to download

File Size   65.1 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Micro- Lock Plus 1.25mm Pitch Wire-to-Board Receptacle Terminals, 30-26 AWG, UL1061 wire

2002180300 Datasheet (HTML) - Molex Electronics Ltd.


2002180300 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description Hand Crimp Tool for Micro-Lock
Plus 1.25mm Pitch Wire-to-Board
Receptacle Terminals, 30-26 AWG,
UL1061 wire
Comments See Tooling Specification (PDF)
Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name Micro-Lock Plus
Tool Type Hand Crimp Tool
UPC 889056727983
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 2002180300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2002180300 MOLEX-2002180300 Datasheet
590Kb / 6P
Hand Crimp Tool for 1.25mm (.049) Pitch Wire-to-Board Crimp Terminals
01-27-17
More results


Similar Description - 2002180300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-0300 MOLEX11-63819-0300 Datasheet
44Kb / 1P
Hand Crimp Tool for 1.25mm Pitch Crimp Terminals, 26-32 AWG Wire
63819-0400 MOLEX11-63819-0400 Datasheet
44Kb / 1P
Hand Crimp Tool for 1.25mm Pitch Crimp Terminals, 26-32 AWG Wire
63819-2400 MOLEX11-63819-2400 Datasheet
44Kb / 1P
Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Crimp Terminals, 26-28 AWG Wire
63819-2800 MOLEX11-63819-2800 Datasheet
44Kb / 1P
Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Crimp Terminals, 22-26 AWG Wire
63819-4400 MOLEX11-63819-4400 Datasheet
45Kb / 1P
Hand Tool for 1.25mm Wire-to-Board Crimp Terminal, 26-28 AWG Wire
0638276900 MOLEX11-0638276900 Datasheet
64Kb / 1P
Hand Crimp Tool for 1.25mm Pitch Wire-to-Board Crimp Terminal, 26 - 30 AWG, UL1061 wire
0638277700 MOLEX11-0638277700 Datasheet
37Kb / 1P
Hand Crimp Tool for 1.25mm (.049) Pitch Wire-to-Board Crimp Terminal, 26 - 30 AWG
0638192400 MOLEX-0638192400 Datasheet
40Kb / 2P
Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Crimp Terminals, 26-28 AWG Wire
11/02/2021
2002180800 MOLEX-2002180800 Datasheet
21Kb / 1P
Hand Crimp Tool for Micro-Lock Plus 2.00mm Pitch Wire-to-Board Receptacle Terminals, 22-26 AWG, 0.30mm² AVSS wires
08/25/2022
2133092900 MOLEX-2133092900 Datasheet
21Kb / 1P
Hand Crimp Tool for 2.00mm Pitch Board-In Crimp Terminals, 26 AWG, UL1007 and UL1061 Wire
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com