Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

936050071 Datasheet (PDF) - Molex Electronics Ltd.

936050071 Datasheet PDF - Molex Electronics Ltd.
Part # 936050071
Download  936050071 Download
File Size   62.44 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description GWconnect Hand Tool Locator for 4.00mm Contacts

936050071 Datasheet (PDF)

Go To PDF Page Download Datasheet
936050071 Datasheet PDF - Molex Electronics Ltd.

Part # 936050071
Download  936050071 Click to download

File Size   62.44 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description GWconnect Hand Tool Locator for 4.00mm Contacts

936050071 Datasheet (HTML) - Molex Electronics Ltd.


936050071 Product details

General
Status Active
Category Application Tooling
Series 93605
Description GWconnect Hand Tool Locator for
4.00mm Contacts
Function Locator
Geographic Area Global
Level of Automation Manual
Product Name GWconnect
Tool Type Hand Crimp Tool
UPC 887191892504




Similar Part No. - 936050071

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
936050071 MOLEX-936050071 Datasheet
64Kb / 2P
GWconnect Hand Crimp Tool Frame, without Die Set and Locator
Jun 13, 2025
936050071 MOLEX-936050071 Datasheet
67Kb / 2P
GWconnect Hand Tool Die Set for 0.14-4.00mm² Wire
Jun 13, 2025
936050071 MOLEX-936050071 Datasheet
63Kb / 2P
GWconnect Hand Tool Die Set for 1.50-6.00mm² Wire
Jun 13, 2025
More results


Similar Description - 936050071

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-11-0377 MOLEX11-11-11-0377 Datasheet
16Kb / 1P
Hand Crimp Tool, Locator
0011110377 MOLEX1-0011110377 Datasheet
16Kb / 1P
Hand Crimp Tool, Locator
0638112875 MOLEX11-0638112875 Datasheet
45Kb / 1P
Hand Crimp Tool, Locator
0936050065 MOLEX1-0936050065 Datasheet
46Kb / 1P
GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts, 0.50-6.00mm짼
0936050073 MOLEX1-0936050073 Datasheet
45Kb / 1P
GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts and Bush Terminal
0936050079 MOLEX1-0936050079 Datasheet
34Kb / 1P
GWconnect Removal Tool for 10A Crimp Contacts, Metal Handle
0936050079 MOLEX-0936050079 Datasheet
35Kb / 1P
GWconnect Removal Tool for 10A Crimp Contacts, Metal Handle
03/24/2022
0936050081 MOLEX-0936050081 Datasheet
32Kb / 1P
GWconnect Removal Hand Tool for 100A Turned Crimp Contacts
03/04/2021
0936050083 MOLEX-0936050083 Datasheet
34Kb / 1P
GWconnect Removal Tool for 16A Crimp Contacts, Metal Handle
03/24/2022
0936050076 MOLEX-0936050076 Datasheet
52Kb / 1P
GWconnect (8) Indent Hand Crimping Tool for 10A, 16A, 40A Contacts
03/04/2021
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com