Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS10CP154A Datasheet (PDF) - Texas Instruments

DS10CP154A Datasheet PDF - Texas Instruments
Part # DS10CP154A
Download  DS10CP154A Download
File Size   467.56 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS10CP154A 1.5 Gbps 4x4 LVDS Crosspoint Switch

DS10CP154A Datasheet (PDF)

Go To PDF Page Download Datasheet
DS10CP154A Datasheet PDF - Texas Instruments

Part # DS10CP154A
Download  DS10CP154A Click to download

File Size   467.56 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS10CP154A 1.5 Gbps 4x4 LVDS Crosspoint Switch

DS10CP154A Datasheet (HTML) - Texas Instruments


DS10CP154A Product details

FEATURES
• DC - 1.5 Gbps Low Jitter, Low Skew, Low
Power Operation
• Pin and SMBus Configurable, Fully
Differential, Non-Blocking Architecture
• Wide Input Common Mode Range Enables DC
Coupled Interface to CML or LVPECL Drivers
• LOS Circuitry Detects Open Inputs Fault
Condition
• On-chip 100 Ω Input and Output Termination
Minimizes Insertion and Return Losses,
Reduces Component Count and Minimizes
Board Space
• 8 kV ESD on LVDS I/O Pins Protects Adjoining
Components
• Small 6 mm x 6 mm WQFN-40 Space Saving
Package

APPLICATIONS
• High-speed Channel Select Applications
• Clock and Data Buffering and Muxing
• SD / HD SDI Routers

DESCRIPTION
The DS10CP154A is a 1.5 Gbps 4x4 LVDS
crosspoint switch optimized for high-speed signal
routing and switching over FR-4 printed circuit board
backplanes and balanced cables. Fully differential
signal paths ensure exceptional signal integrity and
noise immunity. The non-blocking architecture allows
connections of any input to any output or outputs.
The switch configuration can be accomplished via
external pins or the System Management Bus
(SMBus) interface. In addition, the SMBus circuitry
enables the loss of signal (LOS) monitors that can
inform a system of the presence of an open inputs
condition (e.g. disconnected cable).
Wide input common mode range allows the switch to
accept signals with LVDS, CML and LVPECL levels;
the output levels are LVDS. A very small package
footprint requires a minimal space on the board while
the flow-through pinout allows easy board layout.
Each differential input and output is internally
terminated with a 100Ω resistor to lower return losses, reduce component count and further minimize
board space.




Similar Part No. - DS10CP154A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP154A TI1-DS10CP154A Datasheet
807Kb / 20P
DS10CP154A 1.5 Gbps 4x4 LVDS Crosspoint Switch
DS10CP154A TI1-DS10CP154A Datasheet
1Mb / 22P
1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154ATSQ NSC-DS10CP154ATSQ Datasheet
347Kb / 18P
1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP154ATSQ/NOPB TI1-DS10CP154ATSQ/NOPB Datasheet
1Mb / 22P
1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Similar Description - DS10CP154A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154 Datasheet
584Kb / 12P
1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
1.5 Gbps 4x4 LVDS Crosspoint Switch
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
1.5 Gbps 4X4 LVDS Crosspoint Switch
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_14 Datasheet
895Kb / 25P
DS90CP04 1.5 Gbps 4x4 LVDS Crosspoint Switch
DS10CP154A TI1-DS10CP154A_14 Datasheet
807Kb / 20P
DS10CP154A 1.5 Gbps 4x4 LVDS Crosspoint Switch
DS10CP154A TI1-DS10CP154A_15 Datasheet
1Mb / 22P
1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
1.5 Gbps 4x4 LVDS Crosspoint Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com