Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW2400ITR-PAIR Datasheet (PDF) - Infinite Electronics International, Inc.

AW2400ITR-PAIR Datasheet PDF - Infinite Electronics International, Inc.
Part # AW2400ITR-PAIR
Download  AW2400ITR-PAIR Download
File Size   666.51 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 GHz Indoor Wireless Ethernet Radio

AW2400ITR-PAIR Datasheet (PDF)

Go To PDF Page Download Datasheet
AW2400ITR-PAIR Datasheet PDF - Infinite Electronics International, Inc.

Part # AW2400ITR-PAIR
Download  AW2400ITR-PAIR Click to download

File Size   666.51 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 GHz Indoor Wireless Ethernet Radio

AW2400ITR-PAIR Datasheet (HTML) - Infinite Electronics International, Inc.


AW2400ITR-PAIR Product details

Features
•1.5 Mbps Data Rate
•Five times greater range than Wi-FI, through walls or
line-of-sight
- Indoor range, up to 10 building walls
- Up to 30 mile range to connect to difficult locations
•128 bit AES encryption, FIPS 197 - NIST Certified
•One Watt power consumption
•Built-in spectrum analyzer
•Radio can be configured as an access point or client
- Install up to 16 clients per access point
- 29 Non-overlapping channels
•Does not require an FCC license to operate or install




Similar Part No. - AW2400ITR-PAIR

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AW2400ITR-PAIR L-COM-AW2400ITR-PAIR Datasheet
666Kb / 2P
2.4 GHz Indoor Wireless Ethernet Radio
06.25.2013
More results


Similar Description - AW2400ITR-PAIR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2434 ATMEL-ATR2434 Datasheet
511Kb / 35P
WirelessUSB 2.4-GHz DSSS Radio SoC
logo
Cypress Semiconductor
CYRF6936 CYPRESS-CYRF6936 Datasheet
874Kb / 40P
WirelessUSB??LP 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936_09 Datasheet
578Kb / 23P
WirelessUSB LP 2.4 GHz Radio SoC
logo
Linear Technology
LTP5900-WHM LINER-LTP5900-WHM Datasheet
423Kb / 21P
2.4 GHz 802.15.4 Wireless Mote
logo
Cypress Semiconductor
CYRF8935 CYPRESS-CYRF8935_13 Datasheet
689Kb / 40P
WirelessUSB??NL 2.4 GHz Low Power Radio
logo
ATMEL Corporation
ATZB-A24-UFL ATMEL-ATZB-A24-UFL Datasheet
394Kb / 20P
ZigBit 2.4 GHz Amplified Wireless Modules
logo
List of Unclassifed Man...
DOC8228 ETC1-DOC8228 Datasheet
399Kb / 20P
ZigBit??2.4 GHz Amplified Wireless Modules
logo
Texas Instruments
CC2652R TI1-CC2652R Datasheet
1Mb / 47P
SimpleLink Multiprotocol 2.4-GHz Wireless MCU
logo
Cypress Semiconductor
CYRF6986 CYPRESS-CYRF6986 Datasheet
1Mb / 23P
WirelessUSB??LPstar 2.4 GHz Radio SoC
CYRF9935 CYPRESS-CYRF9935 Datasheet
1Mb / 47P
WirelessUSB??NX 2.4 GHz Low Power Radio
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com