Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS34C86T Datasheet (PDF) - Texas Instruments

DS34C86T Datasheet PDF - Texas Instruments
Part # DS34C86T
Download  DS34C86T Download
File Size   397.82 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS34C86T Quad CMOS Differential Line Receiver

DS34C86T Datasheet (PDF)

Go To PDF Page Download Datasheet
DS34C86T Datasheet PDF - Texas Instruments

Part # DS34C86T
Download  DS34C86T Click to download

File Size   397.82 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS34C86T Quad CMOS Differential Line Receiver

DS34C86T Datasheet (HTML) - Texas Instruments


DS34C86T Product details

1FEATURES
2• CMOS Design for Low Power
• ±0.2V Sensitivity Over the Input Common
Mode Voltage Range
• Typical Propagation Delays: 19 ns
• Typical Input Hysteresis: 60 mV
• Inputs Won't Load Line when VCC = 0V
• Meets the Requirements of EIA Standard RS-
422
• TRI-STATE Outputs for System Bus
Compatibility
• Available in Surface Mount
• Open Input Failsafe Feature, Output High for
Open Input

DESCRIPTION
The DS34C86T is a quad differential line receiver
designed to meet the RS-422, RS-423, and Federal
Standards 1020 and 1030 for balanced and
unbalanced digital data transmission, while retaining
the low power characteristics of CMOS.
The DS34C86T has an input sensitivity of 200 mV
over the common mode input voltage range of ±7V.
Hysteresis is provided to improve noise margin and
discourage output instability for slowly changing input
waveforms.
The DS34C86T features internal pull-up and pulldown
resistors which prevent output oscillation on
unused channels.
Separate enable pins allow independent control of
receiver pairs. The TRI-STATE outputs have 6 mA
source and sink capability. The DS34C86T is pin
compatible with the DS3486.




Similar Part No. - DS34C86T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS34C86T NSC-DS34C86T Datasheet
196Kb / 8P
Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS34C86T TI-DS34C86T Datasheet
839Kb / 13P
DS34C86T Quad CMOS Differential Line Receiver
logo
ARTSCHIP ELECTRONICS CO...
DS34C86T ARTSCHIP-DS34C86T Datasheet
215Kb / 6P
Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS34C86TM NSC-DS34C86TM Datasheet
196Kb / 8P
Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS34C86TM TI-DS34C86TM Datasheet
839Kb / 13P
DS34C86T Quad CMOS Differential Line Receiver
More results


Similar Description - DS34C86T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS34C86T NSC-DS34C86T Datasheet
196Kb / 8P
Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
LVDS Quad CMOS Differential Line Receiver
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B_03 Datasheet
193Kb / 9P
LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS34C86TMX TI-DS34C86TMX Datasheet
839Kb / 13P
DS34C86T Quad CMOS Differential Line Receiver
DS90C032 TI1-DS90C032_16 Datasheet
864Kb / 18P
Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
LVDS Quad CMOS Differential Line Receiver
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
LVDS Quad CMOS Differential Line Receiver
logo
ARTSCHIP ELECTRONICS CO...
DS34C86T ARTSCHIP-DS34C86T Datasheet
215Kb / 6P
Quad CMOS Differential Line Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com