Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS42MB200 Datasheet (PDF) - Texas Instruments

DS42MB200 Datasheet PDF - Texas Instruments
Part # DS42MB200
Download  DS42MB200 Download
File Size   453.31 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and

DS42MB200 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS42MB200 Datasheet PDF - Texas Instruments

Part # DS42MB200
Download  DS42MB200 Click to download

File Size   453.31 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and

DS42MB200 Datasheet (HTML) - Texas Instruments


DS42MB200 Product details

1FEATURES
2• 1– 4.25 Gbps Fully Differential Data Paths
• Fixed Input Equalization
• Programmable Output Pre-emphasis
• Independent Switch and Line Side Pre-
emphasis Controls
• Programmable Switch-side Loopback Mode
• On-chip Terminations
• +3.3V Dupply
• ESD Rating HBM 6 kV
• Lead-less WQFN-48 Package
(7mmx7mmx0.8mm, 0.5mm Pitch)
• –40°C to +85°C Operating Temperature Range

APPLICATIONS
• Backplane Driver or Cable Driver
• Redundancy and Signal Conditioning
Applications
• XAUI

DESCRIPTION
The DS42MB200 is a dual signal conditioning 2:1
multiplexer and 1:2 fan-out buffer designed for use in
backplane redundancy applications. Signal
conditioning features include input equalization and
programmable output pre-emphasis that enable data
communication in FR4 backplanes up to 4.25 Gbps.
Each input stage has a fixed equalizer to reduce ISI
distortion from board traces.
All output drivers have 4 selectable steps of pre-
emphasis to compensate for transmission losses from
long FR4 backplanes and reduce deterministic jitter.
The pre-emphasis levels can be independently
controlled for the line-side and switch-side drivers.
The internal loopback paths from switch-side input to
switch-side output enable at-speed system testing. All
receiver inputs are internally terminated with 100Ω
differential terminating resistors. All driver outputs are
internally terminated with 50Ω to VCC.




Similar Part No. - DS42MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200 Datasheet
1Mb / 14P
Dual 4.25 Gb/s 1:2 Mux/Buffer with Input Equalization and Output Pre-Emphasis
DS42MB200 NSC-DS42MB200 Datasheet
3Mb / 16P
Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS42MB200 TI1-DS42MB200 Datasheet
904Kb / 18P
DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB200TSQ TI1-DS42MB200TSQ Datasheet
900Kb / 17P
DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB200TSQ/NOPB TI1-DS42MB200TSQ/NOPB Datasheet
904Kb / 18P
DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Similar Description - DS42MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25MB200 NSC-DS25MB200_07 Datasheet
316Kb / 14P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB100 NSC-DS42MB100 Datasheet
992Kb / 16P
4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS42MB200TSQ TI1-DS42MB200TSQ Datasheet
900Kb / 17P
DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 TI1-DS40MB200_14 Datasheet
922Kb / 20P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB200 TI1-DS42MB200_14 Datasheet
904Kb / 18P
DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 TI1-DS40MB200_17 Datasheet
1Mb / 26P
Dual 4-Gbps 2:1/1:2 CML MUX/Buffer With Transmit Pre-Emphasis and Receive Equalization
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com