Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS89C21 Datasheet (PDF) - Texas Instruments

DS89C21 Datasheet PDF - Texas Instruments
Part # DS89C21
Download  DS89C21 Download
File Size   460.64 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS89C21 Differential CMOS Line Driver and Receiver Pair

DS89C21 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS89C21 Datasheet PDF - Texas Instruments

Part # DS89C21
Download  DS89C21 Click to download

File Size   460.64 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS89C21 Differential CMOS Line Driver and Receiver Pair

DS89C21 Datasheet (HTML) - Texas Instruments


DS89C21 Product details

1FEATURES
2• Meets TIA/EIA-422-A (RS-422) and CCITT V.11
Recommendation
• LOW POWER Design—15 mW Typical
• Guaranteed AC Parameters:
– Maximum Driver Skew 2.0 ns
– Maximum Receiver Skew 4.0 ns
• Extended Temperature Range: −40°C to
+85°C
• Available in SOIC Packaging
• Operates over 20 Mbps
• Receiver OPEN Input Failsafe Feature

DESCRIPTION
The DS89C21 is a differential CMOS line driver and
receiver pair, designed to meet the requirements of
TIA/EIA-422-A (RS-422) electrical characteristics
interface standard. The DS89C21 provides one driver
and one receiver in a minimum footprint. The device
is offered in an 8-pin SOIC package.
The CMOS design minimizes the supply current to 6
mA, making the device ideal for use in battery
powered or power conscious applications.
The driver features a fast transition time specified at
2.2 ns, and a maximum differential skew of 2 ns making the driver ideal for use in high speed
applications operating above 10 MHz.
The receiver can detect signals as low as 200 mV,
and also incorporates hysteresis for noise rejection.
Skew is specified at 4 ns maximum.
The DS89C21 is compatible with TTL and CMOS
levels (DI and RO).




Similar Part No. - DS89C21

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS89C21 NSC-DS89C21 Datasheet
78Kb / 6P
Differential CMOS Line Driver and Receiver Pair
DS89C21TM NSC-DS89C21TM Datasheet
78Kb / 6P
Differential CMOS Line Driver and Receiver Pair
logo
Texas Instruments
DS89C21TM TI1-DS89C21TM Datasheet
759Kb / 13P
Differential CMOS Line Driver and Receiver Pair
DS89C21TM/NOPB TI1-DS89C21TM/NOPB Datasheet
759Kb / 13P
Differential CMOS Line Driver and Receiver Pair
DS89C21TMX TI1-DS89C21TMX Datasheet
759Kb / 13P
Differential CMOS Line Driver and Receiver Pair
More results


Similar Description - DS89C21

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8921 NSC-DS8921 Datasheet
244Kb / 8P
Differential Line Driver and Receiver Pair
DS89C21 NSC-DS89C21 Datasheet
78Kb / 6P
Differential CMOS Line Driver and Receiver Pair
logo
Texas Instruments
SN75179B TI-SN75179B Datasheet
140Kb / 9P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN65LBC180-Q1 TI1-SN65LBC180-Q1 Datasheet
276Kb / 17P
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIR
DS89C21 TI1-DS89C21_14 Datasheet
759Kb / 13P
Differential CMOS Line Driver and Receiver Pair
DS8921 TI1-DS8921_15 Datasheet
1Mb / 20P
Differential Line Driver and Receiver Pair
DS8921 TI1-DS8921_V01 Datasheet
1Mb / 21P
DS8921x Differential Line Driver and Receiver Pair
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com