Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXABFNM90 Datasheet (PDF) - Infinite Electronics International, Inc.

AXABFNM90 Datasheet PDF - Infinite Electronics International, Inc.
Part # AXABFNM90
Download  AXABFNM90 Download
File Size   48.32 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADP,BNC-FEMALE/N-MALE R/A

AXABFNM90 Datasheet (PDF)

Go To PDF Page Download Datasheet
AXABFNM90 Datasheet PDF - Infinite Electronics International, Inc.

Part # AXABFNM90
Download  AXABFNM90 Click to download

File Size   48.32 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADP,BNC-FEMALE/N-MALE R/A

AXABFNM90 Datasheet (HTML) - Infinite Electronics International, Inc.


AXABFNM90 Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: DC ~ 2.5 GHz
VOLTAGE RATING: 500 VOLTS PEAK
WITHSTAND VOLTAGE: 1000V
INSERTION LOSS: .2 dB MAX

MISCELLANEOUS:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPEC. PS-0031.




Similar Part No. - AXABFNM90

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AXA ARTESYN-AXA Datasheet
415Kb / 2P
Metal case with isolated baseplate
logo
Infinite Electronics In...
AXA-AMNFB L-COM-AXA-AMNFB Datasheet
26Kb / 1P
ADP,NMO/TAD TO N-FEMALE
4/21/10
AXA-DFDF L-COM-AXA-DFDF Datasheet
63Kb / 1P
7/16 DIN FEMALE TO 7/16 DIN FEMALE ADAPTOR
06/27/13
AXA-DMDM L-COM-AXA-DMDM Datasheet
71Kb / 1P
7/16 DIN MALE TO 7/16 DIN MALE ADAPTOR
06/27/13
AXA-FMEJFMEJ L-COM-AXA-FMEJFMEJ Datasheet
120Kb / 1P
ADP,FME JACK / JACK
11/10/10
More results


Similar Description - AXABFNM90

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3288 POMONA-3288 Datasheet
27Kb / 1P
Adapter N (Male) To BNC (Female)
logo
Pasternack Enterprises,...
PE9002 PASTERNACK-PE9002 Datasheet
254Kb / 3P
N Male to BNC Female Adapter
PE9005 PASTERNACK-PE9005 Datasheet
253Kb / 3P
N Female to BNC Male Adapter
logo
List of Unclassifed Man...
8030 ETC2-8030 Datasheet
122Kb / 1P
TYPE N FEMALE TO TYPE N MALE RADIUS R/A ADAPTER
logo
Amphenol Corporation
B5072A1-ND3G-50 AMPHENOL-B5072A1-ND3G-50 Datasheet
79Kb / 1P
BNC MALE TO FEMALE R/A ADAPTOR
logo
Rosenberger Hochfrequen...
SLJ14SP-53R64R-X-00 ROSENBERGER-SLJ14SP-53R64R-X-00 Datasheet
540Kb / 2P
N R/A MALE / 4.3-10 R/A MALE
SLJ12SP-53F53R-X-00 ROSENBERGER-SLJ12SP-53F53R-X-00 Datasheet
551Kb / 2P
1/2" JUMPER N MALE / N R/A FEMALE
SLJ12SP-53R53R-X-00 ROSENBERGER-SLJ12SP-53R53R-X-00 Datasheet
550Kb / 2P
1/2"JUMPER N R/A MALE / N R/A MALE
SLJ14SP-53R53R-X-00 ROSENBERGER-SLJ14SP-53R53R-X-00 Datasheet
540Kb / 2P
N R/A MALE / N R/A MALE
SLJ38SF-53M53R-X-00 ROSENBERGER-SLJ38SF-53M53R-X-00 Datasheet
79Kb / 2P
N MALE / N R/A MALE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com