Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXADMDM Datasheet (PDF) - Infinite Electronics International, Inc.

AXADMDM Datasheet PDF - Infinite Electronics International, Inc.
Part # AXADMDM
Download  AXADMDM Download
File Size   71.43 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 7/16 DIN MALE TO 7/16 DIN MALE ADAPTOR

AXADMDM Datasheet (PDF)

Go To PDF Page Download Datasheet
AXADMDM Datasheet PDF - Infinite Electronics International, Inc.

Part # AXADMDM
Download  AXADMDM Click to download

File Size   71.43 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 7/16 DIN MALE TO 7/16 DIN MALE ADAPTOR

AXADMDM Datasheet (HTML) - Infinite Electronics International, Inc.


AXADMDM Product details

ELECTRICAL:
IMPEDANCE: 50OHM
FREQUENCY RANGE: DC~6 GHz
INSERTION LOSS: .2 dB MAX.
WORKING VOLTAGE: 2700 VRMS MAX.
DIELECTRIC WITHSTANDING VOLTAGE: 4000 VRMS MIN.

PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICA




Similar Part No. - AXADMDM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXADFDF L-COM-AXADFDF Datasheet
63Kb / 1P
7/16 DIN FEMALE TO 7/16 DIN FEMALE ADAPTOR
06/27/13
More results


Similar Description - AXADMDM

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6256 POMONA-6256 Datasheet
124Kb / 1P
7/16 DIN Adapter 7/16 DIN Male to Type N Male
logo
Pasternack Enterprises,...
PE9555 PASTERNACK-PE9555 Datasheet
249Kb / 3P
7/16 DIN Male to 7/16 DIN Male Adapter
PE3C2003-100CM PASTERNACK-PE3C2003-100CM Datasheet
456Kb / 4P
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Cable 100cm
PE3C2003-200CM PASTERNACK-PE3C2003-200CM Datasheet
456Kb / 4P
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Cable 200cm
PE3C2013-100CM PASTERNACK-PE3C2013-100CM Datasheet
448Kb / 3P
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Cable 100cm
PE3C2013-200CM PASTERNACK-PE3C2013-200CM Datasheet
448Kb / 3P
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Cable 200cm
PE91190 PASTERNACK-PE91190 Datasheet
373Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 Mated
PE91227 PASTERNACK-PE91227 Datasheet
373Kb / 3P
7 - 16 DIN Male to 7 - 16 DIN Male Adapter IP67 UnMated
PE37953 PASTERNACK-PE37953 Datasheet
121Kb / 1P
CABLE ASSEMBLY, PE-C240, 7/16 DIN MALE TO 7/16 DIN MALE
PE37954 PASTERNACK-PE37954 Datasheet
120Kb / 1P
CABLE ASSEMBLY, PE-C400, 7/16 DIN MALE TO 7/16 DIN MALE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com