Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS91M125 Datasheet (PDF) - Texas Instruments

DS91M125 Datasheet PDF - Texas Instruments
Part # DS91M125
Download  DS91M125 Download
File Size   333.87 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS91M125 125 MHz 1:4 M-LVDS Repeater with LVDS Input

DS91M125 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS91M125 Datasheet PDF - Texas Instruments

Part # DS91M125
Download  DS91M125 Click to download

File Size   333.87 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS91M125 125 MHz 1:4 M-LVDS Repeater with LVDS Input

DS91M125 Datasheet (HTML) - Texas Instruments


DS91M125 Product details

1FEATURES
2• DC - 125 MHz / 250 Mbps Low Jitter, Low
Skew, Low Power Operation
• Independent Driver Enable Pins
• Outputs Conform to TIA/EIA-899 M-LVDS
Standard
• Controlled Transition Times Minimize
Reflections
• Inputs Conform to TIA/EIA-644-A LVDS multiStandard
• 8 kV ESD on M-LVDS Output Pins Protects
Adjoining Components
• Flow-Through Pinout Simplifies PCB Layout
• Industrial Operating Temperature Range
(−40°C to +85°C)
• Available in a Space Saving SOIC-16 Package

APPLICATIONS
• Multidrop / Multipoint Clock and Data
Distribution
• High-Speed, Low Power, Short-Reach
Alternative to TIA/EIA-485/422
• Clock Distribution in AdvancedTCA (ATCA)
and MicroTCA (μTCA, uTCA) Backplanes

DESCRIPTION
The DS91M125 is a 1:4 M-LVDS repeater designed
for driving and distributing clock or data signals to up
to four multipoint networks.
M-LVDS (Multipoint LVDS) is a new family of bus
interface devices based on LVDS technology specifically designed for multipoint and multidrop
cable and backplane applications. It differs from
standard LVDS in providing increased drive current
handle double terminations that are required in multiStandard
point applications. Controlled transition times
minimize reflections that are common in multipoint
configurations due to unterminated stubs.
A single DS91M125 channel is a 1:4 repeater that accepts M-LVDS/LVDS/CML/LVPECL signals and
converts them to M-LVDS signal levels. Each output
has an associated independent driver enable pin. The
DS91M125 input conforms to the LVDS standard.
The DS91M125 has a flow-through pinout for easy
PCB layout. It provides a new alternative for high
speed multipoint interface applications. It is packaged
in a space saving SOIC-16 package.




Similar Part No. - DS91M125

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M125 TI1-DS91M125 Datasheet
762Kb / 15P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS91M125 TI1-DS91M125 Datasheet
770Kb / 17P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
National Semiconductor ...
DS91M125TMA NSC-DS91M125TMA Datasheet
380Kb / 12P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M125TMA/NOPB TI1-DS91M125TMA/NOPB Datasheet
770Kb / 17P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
More results


Similar Description - DS91M125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
1.5 Gbps 1:4 LVDS Repeater
DS91M040 NSC-DS91M040 Datasheet
395Kb / 16P
125 MHz Quad M-LVDS Transceiver
DS91M125 NSC-DS91M125 Datasheet
380Kb / 12P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
logo
Texas Instruments
DS91M124 TI1-DS91M124 Datasheet
342Kb / 14P
DS91M124 125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
50171 TI-50171 Datasheet
415Kb / 16P
125 MHz Quad M-LVDS Transceiver
DS91M125 TI1-DS91M125_14 Datasheet
762Kb / 15P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
DS91M124 TI1-DS91M124_13 Datasheet
861Kb / 15P
125 MHz 1:4 M-LVDS Repeater with LVCMOS Input
DS91M125 TI1-DS91M125_13 Datasheet
770Kb / 17P
125 MHz 1:4 M-LVDS Repeater with LVDS Input
SN65MLVD128 TI1-SN65MLVD128_08 Datasheet
501Kb / 18P
1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com