Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA116UA Datasheet (PDF) - Texas Instruments

INA116UA Datasheet PDF - Texas Instruments
Part # INA116UA
Download  INA116UA Download
File Size   292.33 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER

INA116UA Datasheet (PDF)

Go To PDF Page Download Datasheet
INA116UA Datasheet PDF - Texas Instruments

Part # INA116UA
Download  INA116UA Click to download

File Size   292.33 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER

INA116UA Datasheet (HTML) - Texas Instruments


INA116UA Product details

FEATURES
LOW INPUT BIAS CURRENT: 3fA typ
BUFFERED GUARD DRIVE PINS
LOW OFFSET VOLTAGE: 2mV max
HIGH COMMON-MODE REJECTION:
84dB (G = 10)
LOW QUIESCENT CURRENT: 1mA
INPUT OVER-VOLTAGE PROTECTION: ±40V

APPLICATIONS
LABORATORY INSTRUMENTATION
pH MEASUREMENT
ION–SPECIFIC PROBES
LEAKAGE CURRENT MEASUREMENT

DESCRIPTION
The INA116 is a complete monolithic FET-input instrumentation
amplifier with extremely low input bias
current. Difet ® inputs and special guarding techniques
yield input bias currents of 3fA at 25°C, and only 25fA
at 85°C. Its 3-op amp topology allows gains to be set
from 1 to 1000 by connecting a single external resistor.
Guard pins adjacent to both input connections can be
used to drive circuit board and input cable guards to
maintain extremely low input bias current.
The INA116 is available in 16-pin plastic DIP and SOL-16
surface-mount packages, specified for the –40°C to +85°C
temperature range.




Similar Part No. - INA116UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA116UA BURR-BROWN-INA116UA Datasheet
246Kb / 9P
Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA116UA TI1-INA116UA Datasheet
220Kb / 11P
Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
INA116UAG4 TI1-INA116UAG4 Datasheet
220Kb / 11P
Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
More results


Similar Description - INA116UA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6001 NSC-LMC6001 Datasheet
305Kb / 14P
Ultra Ultra-Low Input Current Amplifier
logo
Burr-Brown (TI)
INA116 BURR-BROWN-INA116 Datasheet
246Kb / 9P
Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
OPA129UE4 TI-OPA129UE4 Datasheet
643Kb / 14P
Ultra-Low Bias Current Difet PERATIONAL AMPLIFIER
LMC6001 TI1-LMC6001 Datasheet
611Kb / 25P
Ultra, Ultra-Low Input Current Amplifier
LMC6001 TI1-LMC6001_16 Datasheet
611Kb / 25P
Ultra, Ultra-Low Input Current Amplifier
INA116 TI1-INA116 Datasheet
220Kb / 11P
Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
LMC6001-MIL TI1-LMC6001-MIL Datasheet
527Kb / 18P
Ultra, Ultra-Low Input Current Amplifier
logo
Analog Devices
LTC6373 AD-LTC6373 Datasheet
3Mb / 34P
36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com