Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY70 Datasheet (PDF) - SYC Electronica

CNY70 Datasheet PDF - SYC Electronica
Part # CNY70
Download  CNY70 Download
File Size   273.31 Kbytes
Page   10 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Reflective Optical Sensor with Transistor Output

CNY70 Datasheet (PDF)

Go To PDF Page Download Datasheet
CNY70 Datasheet PDF - SYC Electronica

Part # CNY70
Download  CNY70 Click to download

File Size   273.31 Kbytes
Page   10 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Reflective Optical Sensor with Transistor Output

CNY70 Datasheet (HTML) - SYC Electronica


CNY70 Product details

FEATURES
• Package type: leaded
• Detector type: phototransistor
• Dimensions (L x W x H in mm): 7 x 7 x 6
• Peak operating distance: < 0.5 mm
• Operating range within > 20 % relative
collector current: 0 mm to 5 mm
• Typical output current under test: IC = 1 mA
• Emitter wavelength: 950 nm
• Daylight blocking filter
• Lead (Pb)-free soldering released

APPLICATIONS
• Optoelectronic scanning and switching devices i.e., index
sensing, coded disk scanning etc. (optoelectronic
encoder assemblies).




Similar Part No. - CNY70

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY70 VISHAY-CNY70 Datasheet
78Kb / 7P
Reflective Optical Sensor with Transistor Output
05-Apr-00
CNY70 VISHAY-CNY70 Datasheet
147Kb / 7P
Reflective Optical Sensor with Transistor Output
04-Sep-06
CNY70 VISHAY-CNY70 Datasheet
317Kb / 13P
Subminiature Transmissive Optical Sensor with Transistor Output
14-Mar-13
CNY70 VISHAY-CNY70 Datasheet
246Kb / 11P
Reflective Optical Sensor with Transistor Output
30-Jul-12
CNY70 VISHAY-CNY70_08 Datasheet
147Kb / 7P
Reflective Optical Sensor with Transistor Output
04-Sep-06
More results


Similar Description - CNY70

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY70 VISHAY-CNY70 Datasheet
78Kb / 7P
Reflective Optical Sensor with Transistor Output
05-Apr-00
TCRT1000 VISHAY-TCRT1000 Datasheet
67Kb / 7P
Reflective Optical Sensor with Transistor Output
27-May-99
CNY70 VISHAY-CNY70_08 Datasheet
147Kb / 7P
Reflective Optical Sensor with Transistor Output
04-Sep-06
TCRT1000 VISHAY-TCRT1000_06 Datasheet
132Kb / 7P
Reflective Optical Sensor with Transistor Output
04-Sep-06
TCRT5000 VISHAY-TCRT5000_09 Datasheet
313Kb / 12P
Reflective Optical Sensor with Transistor Output
17-Aug-09
TCNT2000 VISHAY-TCNT2000 Datasheet
116Kb / 6P
Reflective Optical Sensor with Transistor Output
17-Aug-12
VCNT2020 VISHAY-VCNT2020 Datasheet
146Kb / 7P
Reflective Optical Sensor with Transistor Output
19-Jan-18
VCNT2025X01 VISHAY-VCNT2025X01 Datasheet
205Kb / 8P
Reflective Optical Sensor With Transistor Output
16-Mar-2022
CNY70 VISHAY-CNY70_V01 Datasheet
246Kb / 11P
Reflective Optical Sensor with Transistor Output
30-Jul-12
TCRT1000 VISHAY-TCRT1000_V01 Datasheet
267Kb / 11P
Reflective Optical Sensor With Transistor Output
13-Oct-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com