Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11L1 Datasheet (PDF) - SYC Electronica

H11L1 Datasheet PDF - SYC Electronica
Part # H11L1
Download  H11L1 Download
File Size   174.87 Kbytes
Page   7 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 6-PIN DIP OPTOISOLATORS LOGIC OUTPUT

H11L1 Datasheet (PDF)

Go To PDF Page Download Datasheet
H11L1 Datasheet PDF - SYC Electronica

Part # H11L1
Download  H11L1 Click to download

File Size   174.87 Kbytes
Page   7 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 6-PIN DIP OPTOISOLATORS LOGIC OUTPUT

H11L1 Datasheet (HTML) - SYC Electronica


H11L1 Product details

DESCRIPTION
The H11LX series has a high speed integrated circuit
detector optically coupled to a gallium-arsenide infrared
emitting diode. The output incorporates a Schmitt trigger,
which provides hysteresis for noise immunity and
pulse shaping. The detector circuit is optimized for simplicity
of operation and utilizes an open collector output
for maximum application flexibility.
APPLICATIONS
• Logic to logic isolator
• Programmable current level sensor
• Line receivereliminate noise and transient problems
• A.C. to TTL conversionsquare wave shaping
• Digital programming of power supplies
• Interfaces computers with peripherals
FEATURES
• High data rate, 1 MHz typical (NRZ)
• Free from latch up and oscilliation throughout voltage
and temperature ranges.
• Microprocessor compatible drive
• Logic compatible output sinks 16 mA at 0.4 V maximum
• Guaranteed on/off threshold hysteresis
• Wide supply voltage capability, compatible with all
popular logic systems
• Underwriter Laboratory (UL) recognizedfile #E90700
6




Similar Part No. - H11L1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11L1 MOTOROLA-H11L1 Datasheet
275Kb / 6P
6-Pin DIP Optoisolators Logic Output
logo
QT Optoelectronics
H11L1 QT-H11L1 Datasheet
434Kb / 6P
MICROPROCESSOR COMPLATIBLE CAAS SCHMITT TRIGGER OPTOCOUPLERS
H11L1 QT-H11L1 Datasheet
276Kb / 6P
6-pin dip optoisolators logic output
logo
List of Unclassifed Man...
H11L1 ETC1-H11L1 Datasheet
62Kb / 3P
MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
logo
Everlight Electronics C...
H11L1 EVERLIGHT-H11L1 Datasheet
297Kb / 11P
6 PIN DIP PHOTO COUPLER
More results


Similar Description - H11L1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
6-Pin DIP Optoisolators Transistor Output
H11A1 MOTOROLA-H11A1 Datasheet
262Kb / 6P
6-Pin DIP Optoisolators Transistor Output
H11L1 MOTOROLA-H11L1 Datasheet
275Kb / 6P
6-Pin DIP Optoisolators Logic Output
M4N37 MOTOROLA-M4N37 Datasheet
140Kb / 8P
6-Pin DIP Optoisolators Transistor Output
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
6-Pin DIP Optoisolators Transistor Output
MOC5007 MOTOROLA-MOC5007 Datasheet
292Kb / 6P
6-Pin DIP Optoisolators Logic Output
logo
QT Optoelectronics
H11L1D QT-H11L1D Datasheet
276Kb / 6P
6-pin dip optoisolators logic output
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M Datasheet
516Kb / 9P
6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
H11L1M FAIRCHILD-H11L1M_05 Datasheet
516Kb / 9P
6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
American Microsemicondu...
4N25 AMMSEMI-4N25 Datasheet
1Mb / 6P
6-Pin DIP Optoisolators Transistor Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com