Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPI-5-CB1 Datasheet (PDF) - Vicor Corporation

QPI-5-CB1 Datasheet PDF - Vicor Corporation
Part # QPI-5-CB1
Download  QPI-5-CB1 Download
File Size   1411.23 Kbytes
Page   15 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description 14A Active EMI Filter SiP for 24VDC Bus

QPI-5-CB1 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPI-5-CB1 Datasheet PDF - Vicor Corporation

Part # QPI-5-CB1
Download  QPI-5-CB1 Click to download

File Size   1411.23 Kbytes
Page   15 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description 14A Active EMI Filter SiP for 24VDC Bus

QPI-5-CB1 Datasheet (HTML) - Vicor Corporation


QPI-5-CB1 Product details

Features
• 60dB CM attenuation at 250kHz (50Ω)
• 75dB DM attenuation at 250kHz (50Ω)
• 40VDC (max input)
• 100VDC surge 100ms
• 707VDC hipot hold off to shield plane
• 14A rating
• Low-profile LGA package
• ~1in2 area
• –40 to +125°C ambient temperature (see Figure 9)
• Efficiency >99%
• Connect in series for higher attenuation
• TÜV certified

Applications
• Industrial Bus Supplies
• Telecom Base Stations
• IBA & Distributed Power
• COTS Systems




Similar Part No. - QPI-5-CB1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-5-EVAL1 VICOR-QPI-5-EVAL1 Datasheet
126Kb / 2P
Evaluation Board for Active EMI Filters
More results


Similar Description - QPI-5-CB1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
QPI-4L VICOR-QPI-4L Datasheet
143Kb / 8P
7 Amp Active EMI Filter for 48 V DC Bus
QPI-1L VICOR-QPI-1L Datasheet
238Kb / 8P
12 Amp Active EMI Filter for 48V DC Bus
QPI-2L VICOR-QPI-2L Datasheet
206Kb / 8P
12 Amp Active EMI Filter for 24V DC Bus
QPI-3L VICOR-QPI-3L Datasheet
128Kb / 8P
7 Amp Active EMI Filter for 24V DC Bus
QPI-5L VICOR-QPI-5L Datasheet
128Kb / 8P
14 Amp Active EMI Filter for 24V DC Bus
QPI-6L VICOR-QPI-6L Datasheet
162Kb / 8P
14 Amp Active EMI Filter for 48V DC Bus
QPI-8L VICOR-QPI-8L Datasheet
259Kb / 8P
AdvencedTCA Hot-Swap Sip With Active EMI Filter
logo
Powerbox
QPI-3L POWERBOX-QPI-3L Datasheet
1Mb / 1P
ACTIVE EMI FILTER
logo
Vicor Corporation
QPI-21LZ VICOR-QPI-21LZ Datasheet
662Kb / 13P
14A Active EMI Filter SIP for 48 Vdc Bus
QPI-6 VICOR-QPI-6 Datasheet
1Mb / 13P
14 A Active EMI Filter SIP for 48 Vdc Bus
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com