Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L293D Datasheet (PDF) - SYC Electronica

L293D Datasheet PDF - SYC Electronica
Part # L293D
Download  L293D Download
File Size   261.79 Kbytes
Page   12 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description QUADRUPLE HALF-H DRIVERS

L293D Datasheet (PDF)

Go To PDF Page Download Datasheet
L293D Datasheet PDF - SYC Electronica

Part # L293D
Download  L293D Click to download

File Size   261.79 Kbytes
Page   12 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description QUADRUPLE HALF-H DRIVERS

L293D Datasheet (HTML) - SYC Electronica


L293D Product details

description
The L293 and L293D are quadruple high-current
half-H drivers. The L293 is designed to provide
bidirectional drive currents of up to 1 A at voltages
from 4.5 V to 36 V. The L293D is designed to
provide bidirectional drive currents of up to
600-mA at voltages from 4.5 V to 36 V. Both
devices are designed to drive inductive loads such
as relays, solenoids, dc and bipolar stepping
motors, as well as other high-current/high-voltage
loads in positive-supply applications.




Similar Part No. - L293D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L293D STMICROELECTRONICS-L293D Datasheet
80Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
Jun-1996
logo
Texas Instruments
L293D TI-L293D Datasheet
93Kb / 5P
QUADRUPLE HALF-H DRIVER
logo
STMicroelectronics
L293D STMICROELECTRONICS-L293D Datasheet
862Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
July 2003
logo
Texas Instruments
L293D TI-L293D Datasheet
495Kb / 18P
QUADRUPLE HALF-H DRIVERS
logo
STMicroelectronics
L293D STMICROELECTRONICS-L293D Datasheet
865Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
Jul-2003
More results


Similar Description - L293D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
L293 TI-L293 Datasheet
496Kb / 19P
QUADRUPLE HALF-H DRIVER
SN754410 TI-SN754410 Datasheet
109Kb / 7P
QUADRUPLE HALF-H DRIVER
TIL293D TI-TIL293D Datasheet
93Kb / 5P
QUADRUPLE HALF-H DRIVER
SN55188 TI-SN55188 Datasheet
531Kb / 15P
QUADRUPLE LINE DRIVERS
L293N TI-L293N Datasheet
495Kb / 18P
QUADRUPLE HALF-H DRIVERS
logo
Sensitron
SCP-3337 SENSITRON-SCP-3337 Datasheet
51Kb / 3P
QUADRUPLE HALF-H DRIVER
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
QUADRUPLE LINE DRIVERS
logo
Texas Instruments
SN754410 TI-SN754410_06 Datasheet
166Kb / 9P
QUADRUPLE HALF-H DRIVER
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
QUADRUPLE LINE DRIVERS
L293D TI1-L293D_16 Datasheet
501Kb / 21P
Quadruple Half-H Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com