Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2002181900 Datasheet (PDF) - Molex Electronics Ltd.

2002181900 Datasheet PDF - Molex Electronics Ltd.
Part # 2002181900
Download  2002181900 Download
File Size   72.34 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 1.25mm Pitch PicoBlade Receptacle Crimp Terminals, 32-26 AWG

2002181900 Datasheet (PDF)

Go To PDF Page Download Datasheet
2002181900 Datasheet PDF - Molex Electronics Ltd.

Part # 2002181900
Download  2002181900 Click to download

File Size   72.34 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 1.25mm Pitch PicoBlade Receptacle Crimp Terminals, 32-26 AWG

2002181900 Datasheet (HTML) - Molex Electronics Ltd.


2002181900 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description Hand Crimp Tool for 1.25mm Pitch
PicoBlade Receptacle Crimp
Terminals, 32-26 AWG
Comments See Tooling Specification (PDF)
Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name PicoBlade
Tool Type Hand Crimp Tool
UPC 193264415472
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 2002181900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2002181900 MOLEX-2002181900 Datasheet
1Mb / 8P
Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Receptacle Crimp Terminals
04-30-
More results


Similar Description - 2002181900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-0300 MOLEX11-63819-0300 Datasheet
44Kb / 1P
Hand Crimp Tool for 1.25mm Pitch Crimp Terminals, 26-32 AWG Wire
63819-0400 MOLEX11-63819-0400 Datasheet
44Kb / 1P
Hand Crimp Tool for 1.25mm Pitch Crimp Terminals, 26-32 AWG Wire
63819-0400 MOLEX-63819-0400 Datasheet
589Kb / 7P
Hand Crimp Tool for 1.25mm (.049) Pitch PicoBlade??Crimp Terminals
07-27-10
63827-1400 MOLEX-63827-1400 Datasheet
624Kb / 7P
Hand Crimp Tool 1.25mm (.049?? Pitch PicoBlade Crimp Terminals
08-15-17
ATS-638190300 MOLEX-ATS-638190300 Datasheet
590Kb / 8P
Hand Crimp Tool 1.25mm (.049") Pitch PicoBlade??Crimp Terminals
07-27-10
2002189700 MOLEX-2002189700 Datasheet
37Kb / 1P
Hand Crimp Tool for 1.25mm Pitch PicoBlade Crimp Terminals, 26-28 AWG
4/21/2022
200218-2000 MOLEX-200218-2000 Datasheet
1Mb / 8P
Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Crimp Terminals
07-31-19
200218-1900 MOLEX-200218-1900 Datasheet
1Mb / 8P
Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Receptacle Crimp Terminals
04-30-
2002182000 MOLEX-2002182000 Datasheet
1Mb / 8P
Hand Crimp Tool 1.25mm (.049”) Pitch PicoBlade Crimp Terminals
07-31-19
200218-2000 MOLEX2-200218-2000 Datasheet
1Mb / 8P
Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Crimp Terminals
07-31-19
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com