Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5602050101 Datasheet (PDF) - Molex Electronics Ltd.

5602050101 Datasheet PDF - Molex Electronics Ltd.
Part # 5602050101
Download  5602050101 Download
File Size   70.83 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for CTX-J 100 Receptacle Terminal, 0.50mm², 0.75mm² and 1.25mm² Wires

5602050101 Datasheet (PDF)

Go To PDF Page Download Datasheet
5602050101 Datasheet PDF - Molex Electronics Ltd.

Part # 5602050101
Download  5602050101 Click to download

File Size   70.83 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for CTX-J 100 Receptacle Terminal, 0.50mm², 0.75mm² and 1.25mm² Wires

5602050101 Datasheet (HTML) - Molex Electronics Ltd.


5602050101 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description Hand Crimp Tool for CTX-J 100
Receptacle Terminal, 0.50mm²,
0.75mm² and 1.25mm² Wires
Comments See Tooling Specification (PDF)
Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name CTX-J 100
Tool Type Hand Crimp Tool
UPC 191128282666
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 5602050101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5602050101 MOLEX-5602050101 Datasheet
82Kb / 3P
Crimp Terminals
Nov 06, 2023
5602050101 MOLEX11-5602050101 Datasheet
82Kb / 3P
Crimp Terminals
More results


Similar Description - 5602050101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-3900 MOLEX11-63819-3900 Datasheet
37Kb / 1P
Hand Crimp Tool for CTX 1.50mm Receptacle Terminal, 0.30, 0.35, and 0.50mm Wires
63819-3900 MOLEX-63819-3900 Datasheet
230Kb / 4P
Hand Crimp Tool for CTX 1.50mm Receptacle Crimp Terminal
01-05-09
200218-2400 MOLEX-200218-2400 Datasheet
1Mb / 8P
Hand Crimp Tool for CTX-J 50 Receptacle Terminal Sealed Crimp Terminal
03-28-17
200218-2500 MOLEX-200218-2500 Datasheet
1Mb / 8P
Hand Crimp Tool for CTX-J 280 Receptacle Terminal Sealed Crimp Terminal
03-28-17
200218-2600 MOLEX-200218-2600 Datasheet
1Mb / 8P
Hand Crimp Tool for CTX-J 100 Receptacle Terminal
03-28-17
ATS-638194100 MOLEX-ATS-638194100 Datasheet
230Kb / 4P
Hand Crimp Tool for CTX 1.50mm Receptacle Crimp Terminal
01-05-09
2002182400 MOLEX-2002182400 Datasheet
1Mb / 8P
Hand Crimp Tool for CTX-J 50 Receptacle Terminal Sealed Crimp Terminal
03-28-17
2002182500 MOLEX-2002182500 Datasheet
1Mb / 8P
Hand Crimp Tool for CTX-J 280 Receptacle Terminal Sealed Crimp Terminal
03-28-17
2002182600 MOLEX-2002182600 Datasheet
1Mb / 8P
Hand Crimp Tool for CTX-J 100 Receptacle Terminal
200218-2600
0638193900 MOLEX-0638193900 Datasheet
30Kb / 1P
Hand Crimp Tool for CTX 1.50mm Receptacle Terminal, 0.30, 0.35, and 0.50mm² Wires
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com