Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11L1M Datasheet (PDF) - ON Semiconductor

H11L1M Datasheet PDF - ON Semiconductor
Part # H11L1M
Download  H11L1M Download
File Size   376.08 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6-Pin DIP Schmitt Trigger Output Optocoupler

H11L1M Datasheet (PDF)

Go To PDF Page Download Datasheet
H11L1M Datasheet PDF - ON Semiconductor

Part # H11L1M
Download  H11L1M Click to download

File Size   376.08 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6-Pin DIP Schmitt Trigger Output Optocoupler

H11L1M Datasheet (HTML) - ON Semiconductor


H11L1M Product details

Features
■High Data Rate, 1 MHz Typical (NRZ)
■Free from Latch-up and Oscilliation Throughout Voltage and Temperature Ranges
■Microprocessor Compatible Drive
■Logic Compatible Output Sinks 16 mA at 0.4 V Maximum
■Guaranteed On/Off Threshold Hysteresis
■Wide Supply Voltage Capability, Compatible with All Popular Logic Systems
■Safety and Regulatory Approvals:
– UL1577, 4,170 VACRMS for 1 Minute
– DIN-EN/IEC60747-5-5, 850 V Peak Working Insulation Voltage

Applications
■Logic-to-Logic Isolator
■Programmable Current Level Sensor
■Line Receiver—Eliminate Noise and Transient Problems
■AC to TTL Conversion—Square Wave Shaping
■Digital Programming of Power Supplies
■Interfaces Computers with Peripherals

Description
The H11LXM series has a high-speed integrated circuit detector optically coupled to a gallium-arsenide infrared emitting diode. The output incorporates a Schmitt trigger, which provides hysteresis for noise immunity and pulse shaping. The detector circuit is optimized for simplicity of operation and utilizes an open-collector output for maximum application flexibility.




Similar Part No. - H11L1M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M Datasheet
516Kb / 9P
6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
H11L1M FAIRCHILD-H11L1M Datasheet
516Kb / 9P
OPTOISOLATORS LOGIC OUTPUT
H11L1M FAIRCHILD-H11L1M Datasheet
669Kb / 9P
6-Pin DIP Optocoupler
H11L1M FAIRCHILD-H11L1M Datasheet
516Kb / 9P
6-PIN DIP OPTOISOLATORS LOGIC OUTPUT
logo
CT Micro International ...
H11L1M CTMICRO-H11L1M Datasheet
685Kb / 11P
Schmitt Trigger Output 6-Pin Optocoupler
More results


Similar Description - H11L1M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11L1M FAIRCHILD-H11L1M_06 Datasheet
669Kb / 9P
6-Pin DIP Optocoupler
logo
List of Unclassifed Man...
CNY17-1 ETC2-CNY17-1 Datasheet
522Kb / 16P
6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
H11L1 ETC1-H11L1 Datasheet
584Kb / 12P
6-PIN DIP PHOTOCOUPLER SCHMITT TRIGGER
TIL111 ETC1-TIL111 Datasheet
566Kb / 14P
6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Solid State Optronic
SDS6011 SSOUSA-SDS6011 Datasheet
433Kb / 8P
Schmitt Trigger Optocoupler
logo
CT Micro International ...
H11L1 CTMICRO-H11L1 Datasheet
685Kb / 11P
Schmitt Trigger Output 6-Pin Optocoupler
logo
Everlight Electronics C...
H11LX EVERLIGHT-H11LX_13 Datasheet
696Kb / 11P
6 PIN DIP SCHMITT TRIGGER PHOTOCOUPLER
May 13, 2013
H11LX EVERLIGHT-H11LX_14 Datasheet
695Kb / 11P
6 PIN DIP SCHMITT TRIGGER PHOTOCOUPLER
logo
ON Semiconductor
H11L1M ONSEMI-H11L1M Datasheet
340Kb / 9P
6-Pin DIP Schmitt Trigger Output Optocoupler
June, 2020 ??Rev. 3
H11N1M ONSEMI-H11N1M Datasheet
225Kb / 8P
6-Pin DIP Schmitt Trigger Output Optocoupler
April, 2019 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com